Electronic Components Datasheet Search
  English  ▼

X  

ATA5745 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATA5745
Description  UHF ASK/FSK Receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5745 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATA5745 Datasheet HTML 28Page - ATMEL Corporation ATA5745 Datasheet HTML 29Page - ATMEL Corporation ATA5745 Datasheet HTML 30Page - ATMEL Corporation ATA5745 Datasheet HTML 31Page - ATMEL Corporation ATA5745 Datasheet HTML 32Page - ATMEL Corporation ATA5745 Datasheet HTML 33Page - ATMEL Corporation ATA5745 Datasheet HTML 34Page - ATMEL Corporation ATA5745 Datasheet HTML 35Page - ATMEL Corporation ATA5745 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
32
4596A–RKE–05/06
ATA5745/ATA5746 [Preliminary]
3.11 Intermediate frequency
f
RF = 433.92 MHz
f
IF
440
kHz
A
f
RF = 315 MHz
f
IF
440
kHz
A
3.12 System bandwidth
3 dB bandwidth
This value is for
information only!
Note that for crystal and
system frequency offset
calculations,
∆f
OFFSET
must be used.
(14)
SBW
435
kHz
A
3.13
System out-band
3rd-order input intercept
point
∆f
meas1 = 1.8 MHz
∆f
meas2 = 3.6 MHz
f
RF = 315 MHz
(14)
IIP3
–24
dBm
C
f
RF = 433.92 MHz
(14)
IIP3
–23
dBm
C
3.14
System outband input
1-dB compression point
∆f
meas1 = 1 MHz
f
RF = 315 MHz
(14)
I1dBCP
–31
–36
dBm
C
f
RF = 433.92 MHz
(14)
I1dBCP
–30
–35
dBm
C
3.15 LNA input impedance
f
RF = 315 MHz
14
Z
in_LNA
(72.4 – j298)
Ω
C
f
RF = 433.92 MHz
14
Z
in_LNA
(55 – j216)
Ω
C
3.16
Maximum peak RF input
level, ASK and FSK
BER < 10
–3, ASK: 100%
(14)
P
IN_max
+5
–10
dBm
C
FSK: f
DEV = ±38 kHz
(14)
P
IN_max
+5
–10
dBm
C
3.17 LO spurs at LNA_IN
f < 1 GHz
(14)
–57
dBm
C
f >1 GHz
(14)
–47
dBm
C
fLO = 315.44 MHz
2
× f
LO
4
× f
LO
(14)
–90
–94
–68
dBm
C
f
LO = 434.36 MHz
2
× f
LO
4
× f
LO
(14)
–92
–88
–58
dBm
C
3.18 Image rejection
With the complete image
band
fRF = 315 MHz
(14)
24
30
dB
A
fRF = 433.92 MHz
(14)
24
30
dB
A
3.19
Useful signal to interferer
ratio
Peak level of useful signal
to peak level of interferer
for BER < 10
–3 with any
modulation scheme of
interferer
FSK BR_Ranges 0, 1, 2
(14)
SNRFSK0-2
23
dB
B
FSK BR_Range_3
(14)
SNRFSK3
46
dB
B
ASK (P
RF < PRFIN_High)(14)
SNR
ASK
10
14
dB
B
13. Electrical Characteristics: General (Continued)
All parameters refer to GND and are valid for Tamb = –40°C to +105°C, VVS3V_AVCC =VVS5V = 2.7V to 3.3V, and VVS5V = 4.5V to 5.5V.
Typical values are given at VVS3V_AVCC =VVS5V =3V, Tamb = 25°C, and fRF = 315 MHz unless otherwise specified. Details about current
consumption, timing, and digital pin properties can be found in the specific sections of the “Electrical Characteristics”.
No. Parameters
Test Conditions
Pin(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Pin numbers in parenthesis were measured with RF_IN matched to 50
Ω according to Figure 2-1 on page 6 with component
values as in Table 2-2 on page 6 (RFIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com