Electronic Components Datasheet Search
  English  ▼

X  

ATA5745 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA5745
Description  UHF ASK/FSK Receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5745 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA5745 Datasheet HTML 14Page - ATMEL Corporation ATA5745 Datasheet HTML 15Page - ATMEL Corporation ATA5745 Datasheet HTML 16Page - ATMEL Corporation ATA5745 Datasheet HTML 17Page - ATMEL Corporation ATA5745 Datasheet HTML 18Page - ATMEL Corporation ATA5745 Datasheet HTML 19Page - ATMEL Corporation ATA5745 Datasheet HTML 20Page - ATMEL Corporation ATA5745 Datasheet HTML 21Page - ATMEL Corporation ATA5745 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
18
4596A–RKE–05/06
ATA5745/ATA5746 [Preliminary]
4.
Sensitivity Reduction
The output voltage of the RSSI amplifier is internally compared to a threshold voltage V
Th_red.
V
Th_red is determined by the value of the external resistor RSense. RSense is connected between
the pins SENSE and VS3V_AVCC (see Figure 10-1 on page 28). The output of the comparator
is fed into the digital control logic. By this means, it is possible to operate the receiver at a lower
sensitivity.
If the level on input pin SENSE_CTRL is low, the receiver operates at full sensitivity.
If the level on input pin SENSE_CTRL is high, the receiver operates at a lower sensitivity. The
reduced sensitivity is defined by the value of R
Sense, the maximum sensitivity by the sig-
nal-to-noise ratio of the LNA input. The reduced sensitivity depends on the signal strength at the
output of the RSSI amplifier.
Since different RF input networks may exhibit slightly different values for the LNA gain, the sen-
sitivity values given in the electrical characteristics refer to a specific input matching. This
matching is illustrated in Figure 2-1 on page 6 and exhibits the best possible sensitivity.
If the sensitivity reduction feature is not used, pin SENSE can be left open, pin SENSE_CTRL
must be set to GND.
To operate with reduced sensitivity, pin SENSE_CTRL must be set to high before the RX signal
path will be enabled by setting pin RX to high (see Figure 4-1 on page 19). As long as the RSSI
level is lower than V
Th_red (defined by the external resistor RSense) no data stream is available on
pin DATA_OUT (low level on pin DATA_OUT). An internal RS flip-flop will be set to high the first
time the RSSI voltage crosses V
Th_red, and from then on the data stream will be available on pin
DATA_OUT. From then on the receiver also works with full sensitivity. This makes sure that a
telegram will not be interrupted if the RSSI level varies during the transmission. The RS flip-flop
can be set back, and thus the receiver switched back to reduced sensitivity, by generating a pos-
itive pulse on pin ASK_NFSK (see Figure 4-2 on page 19). In FSK mode, operating with reduced
sensitivity follows the same way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com