Electronic Components Datasheet Search
  English  ▼

X  

ATA5745 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA5745
Description  UHF ASK/FSK Receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5745 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA5745 Datasheet HTML 2Page - ATMEL Corporation ATA5745 Datasheet HTML 3Page - ATMEL Corporation ATA5745 Datasheet HTML 4Page - ATMEL Corporation ATA5745 Datasheet HTML 5Page - ATMEL Corporation ATA5745 Datasheet HTML 6Page - ATMEL Corporation ATA5745 Datasheet HTML 7Page - ATMEL Corporation ATA5745 Datasheet HTML 8Page - ATMEL Corporation ATA5745 Datasheet HTML 9Page - ATMEL Corporation ATA5745 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
4596A–RKE–05/06
ATA5745/ATA5746 [Preliminary]
2.2
Input Matching at LNA_IN
The measured input impedances as well as the values of a parallel equivalent circuit of these
impedances can be seen in Table 2-1. The highest sensitivity is achieved with power matching
of these impedances to the source impedance.
The matching of the LNA input to 50
Ω is done using the circuit shown in Figure 2-1 and the val-
ues of the matching elements given in Table 2-2. The reflection coefficients were always
≤ –10 dB. Note that value changes of C1 and L1 may be necessary to compensate individual
board layout parasitics. The measured typical FSK and ASK Manchester-code sensitivities with
a bit error rate (BER) of 10
–3 are shown in Table 2-3 and Table 2-4 on page 7. These measure-
ments were done with wire-wound inductors having quality factors reported in Table 2-2,
resulting in estimated matching losses of 0.8 dB at 315 MHz and 433.92 MHz. These losses can
be estimated when calculating the parallel equivalent resistance of the inductor with
R
loss =2 ×π × f × L × QL and the matching loss with 10 log(1+RIn_p /Rloss).
Figure 2-1.
Input Matching to 50
Ω
Table 2-1.
Measured Input Impedances of the LNA_IN Pin
f
RF [MHz]
Z
In(RF_IN) [Ω]RIn_p//CIn_p [pF]
315
(72.4 – j298)
1300
Ω//1.60
433.92
(55 – j216)
900
Ω//1.60
Table 2-2.
Input Matching to 50
Ω
f
RF [MHz]
C
1 [pF]
L
1 [nH]
Q
L1
315
2.2
68
20
433.92
2.2
36
15
RFIN
14
C1
L1
LNA_IN
ATA5745/ATA5746



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com