Electronic Components Datasheet Search
  English  ▼

X  

ATA5745 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATA5745
Description  UHF ASK/FSK Receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5745 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATA5745 Datasheet HTML 35Page - ATMEL Corporation ATA5745 Datasheet HTML 36Page - ATMEL Corporation ATA5745 Datasheet HTML 37Page - ATMEL Corporation ATA5745 Datasheet HTML 38Page - ATMEL Corporation ATA5745 Datasheet HTML 39Page - ATMEL Corporation ATA5745 Datasheet HTML 40Page - ATMEL Corporation ATA5745 Datasheet HTML 41Page - ATMEL Corporation ATA5745 Datasheet HTML 42Page - ATMEL Corporation ATA5745 Datasheet HTML 43Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39
4596A–RKE–05/06
ATA5745/ATA5746 [Preliminary]
17. Digital Port Characteristics
All parameters refer to GND and are valid for T
amb = –40°C to +105°C, VVS3V_AVCC = VVS5V = 2.7V to 3.3V, and VVS5V = 4.5V to 5.5V.
Typical values are given at VVS3V_AVCC = VVS5V = 3V, Tamb = 25°C, and fRF = 433.92 MHz unless otherwise specified. Details about current
consumption, timing, and digital pin properties can be found in the specific sections of the “Electrical Characteristics”
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
11
Digital Ports
11.1
ENABLE input
- Low level input
voltage
VS = VVS3V_AVCC =
V
VS5V = 2.7V to 3.3V
VS = VVS5V =
4.5V to 5.5V
6V
Il
0.2
× V
S
0.12
×
VS
VA
- High level input
voltage
VS = VVS3V_AVCC =
V
VS5V = 2.7V to 3.3V
VS = VVS5V = 4.5V to
5.5V
6V
Ih
0.8
× V
S
VA
11.2
RX input
- Low level input
voltage
VS = VVS3V_AVCC =
V
VS5V = 2.7V to 3.3V
VS = VVS5V =
4.5V to 5.5V
19
V
Il
0.2
× V
S
0.12
×
VS
VA
- High level input
voltage
VS = VVS3V_AVCC =
V
VS5V = 2.7V to 3.3V
VS = VVS5V =
4.5V to 5.5V
19
V
Ih
0.8
× V
S
VA
11.3
BR0 input
- Low level input
voltage
VS = VVS3V_AVCC =
V
VS5V = 2.7V to 3.3V
VS = VVS5V =
4.5V to 5.5V
20
V
Il
0.2
× V
S
0.12
×
VS
VA
- High level input
voltage
VS = VVS3V_AVCC =
V
VS5V = 2.7V to 3.3V
VS = VVS5V =
4.5V to 5.5V
20
VIh
0.8
× V
S
VA
11.4
BR1 input
- Low level input
voltage
V
S = VVS3V_AVCC =
VVS5V = 2.7V to 3.3V
V
S = VVS5V =
4.5V to 5.5V
21
VIl
0.2
× V
S
0.12
×
VS
VA
- High level input
voltage
VS = VVS3V_AVCC =
VVS5V = 2.7V to 3.3V
VS = VVS5V =
4.5V to 5.5V
21
V
Ih
0.8
× V
S
VA
11.5
ASK_NFSK input
- Low level input
voltage
VS = VVS3V_AVCC =
V
VS5V = 2.7V to 3.3V
VS = VVS5V =
4.5V to 5.5V
22
VIl
0.2
× V
S
0.12
×
VS
VA
- High level input
voltage
V
S = VVS3V_AVCC =
VVS5V = 2.7V to 3.3V
V
S = VVS5V =
4.5V to 5.5V
22
VIh
0.8
× V
S
VA
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com