Electronic Components Datasheet Search
  English  ▼

X  

ATA5745 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATA5745
Description  UHF ASK/FSK Receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5745 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATA5745 Datasheet HTML 29Page - ATMEL Corporation ATA5745 Datasheet HTML 30Page - ATMEL Corporation ATA5745 Datasheet HTML 31Page - ATMEL Corporation ATA5745 Datasheet HTML 32Page - ATMEL Corporation ATA5745 Datasheet HTML 33Page - ATMEL Corporation ATA5745 Datasheet HTML 34Page - ATMEL Corporation ATA5745 Datasheet HTML 35Page - ATMEL Corporation ATA5745 Datasheet HTML 36Page - ATMEL Corporation ATA5745 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33
4596A–RKE–05/06
ATA5745/ATA5746 [Preliminary]
3.20 RSSI output
Dynamic range
(14),17
D
RSSI
65
dB
A
Lower level of range
fRF = 315 MHz
f
RF = 433.92 MHz
(14),17
PRFIN_Low
–110
dBm
A
Upper level of range
f
RF = 315 MHz
fRF = 433.92 MHz
(14),17
P
RFIN_High
–45
dBm
A
Gain
(14),17
15
mV/dB
A
Output voltage range
(14),17
VRSSI
350
1600
mV
A
3.21
Output resistance
RSSI pin
17
R
RSSI
810
12.5
k
Ω
C
3.22 Blocking
Sensitivity (BER = 10
–3) is
reduced by 3 dB if a
continuous wave blocking
signal at ±
∆f is ∆P
Block
higher than the useful
signal level
(Bit rate = 10 Kbits/s,
FSK, f
DEV ±38kHz,
Manchester code,
BR_Range2)
f
RF = 315 MHz
∆f ± 1.5 MHz
∆f ± 2 MHz
∆f ± 3 MHz
∆f ± 10 MHz
∆f ± 20 MHz
(14)
∆P
Block
57.5
63.0
67.5
72.0
74.0
dBC
C
fRF = 433.92 MHz
∆f ± 1.5 MHz
∆f ± 2 MHz
∆f ± 3 MHz
∆f ± 10 MHz
∆f ± 20 MHz
(14)
∆P
Block
56.5
62.0
66.5
71.0
73.0
dBC
C
3.23 CDEM
Capacitor connected to
pin 23 (CDEM)
23
–5%
15
+5%
nF
D
13. Electrical Characteristics: General (Continued)
All parameters refer to GND and are valid for Tamb = –40°C to +105°C, VVS3V_AVCC =VVS5V = 2.7V to 3.3V, and VVS5V = 4.5V to 5.5V.
Typical values are given at VVS3V_AVCC =VVS5V =3V, Tamb = 25°C, and fRF = 315 MHz unless otherwise specified. Details about current
consumption, timing, and digital pin properties can be found in the specific sections of the “Electrical Characteristics”.
No. Parameters
Test Conditions
Pin(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Pin numbers in parenthesis were measured with RF_IN matched to 50
Ω according to Figure 2-1 on page 6 with component
values as in Table 2-2 on page 6 (RFIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com