Electronic Components Datasheet Search
  English  ▼

X  

ATA5745 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA5745
Description  UHF ASK/FSK Receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5745 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA5745 Datasheet HTML 17Page - ATMEL Corporation ATA5745 Datasheet HTML 18Page - ATMEL Corporation ATA5745 Datasheet HTML 19Page - ATMEL Corporation ATA5745 Datasheet HTML 20Page - ATMEL Corporation ATA5745 Datasheet HTML 21Page - ATMEL Corporation ATA5745 Datasheet HTML 22Page - ATMEL Corporation ATA5745 Datasheet HTML 23Page - ATMEL Corporation ATA5745 Datasheet HTML 24Page - ATMEL Corporation ATA5745 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21
4596A–RKE–05/06
ATA5745/ATA5746 [Preliminary]
Figure 5-2.
Standby Mode (CLK_OUT_CTRL0 or CLK_OUT_CTRL1 = 1)
5.3
Active Mode
The Active mode is enabled by setting the level on pin RX to high. In Active mode, the RX signal
path is enabled and if a valid signal is present it will be transferred to the connected
microcontroller.
During T
Startup_PLL the PLL is enabled and starts up. If the PLL is locked, the signal processing
circuit starts up (T
Startup_Sig_Proc). After the start-up time, all circuits are in stable condition and
ready to receive. The duration of the start-up sequence depends on the selected bit rate range.
Figure 5-3.
Active Mode
CLK_OUT
ENABLE
Standby Mode
tXTO_Startup
Table 5-3.
Active Mode
RX
ENABLE
Function
1
1
Active mode
DATA_OUT valid
tStartup_PLL
tStartup_Sig_Proc
IStartup_PLL
IActive
IActive
IStandby
Startup
CLK_OUT
RX
DATA_OUT
ENABLE
Standby Mode
Active Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com