Electronic Components Datasheet Search
  English  ▼

X  

RF7161 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF7161
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF7161 Datasheet HTML 5Page - RF Micro Devices RF7161 Datasheet HTML 6Page - RF Micro Devices RF7161 Datasheet HTML 7Page - RF Micro Devices RF7161 Datasheet HTML 8Page - RF Micro Devices RF7161 Datasheet HTML 9Page - RF Micro Devices RF7161 Datasheet HTML 10Page - RF Micro Devices RF7161 Datasheet HTML 11Page - RF Micro Devices RF7161 Datasheet HTML 12Page - RF Micro Devices RF7161 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
TX ENABLE
GpCtrl2
GpCtrl1
GpCtrl0
TX Module Mode
0
0
0
0
Low Power Mode (Standby)
010
0
RX1
001
0
RX2
001
1
RX3
000
1
RX4
1
0
1
0
GSM850/900 TX Mode
1
0
1
1
DCS1800/PCS1900 TX Mode
Pin
Function
Description
Interface Schematic
1G
ND
Ground.
2G
ND
Ground.
3R
F IN LB
RF input to the GSM850/EGSM900 bands. This is a 50
 input.
4G
ND
Ground.
5R
F IN HB
RF input to the DCS1800/PCS1900 bands. This is a 50
 input.
6G
ND
Ground.
7G
ND
Ground.
8G
ND
Ground.
9G
ND
Ground.
10
RX1
RX1 of antenna switch. This is a 50
 output. This port is interchangeable
with any other RX port.
11
RX2
RX2 of antenna switch. This is a 50
 output. This port is interchangeable
with any other RX port.
12
RX3
RX3 of antenna switch. This is a 50
 output. This port is interchangeable
with any other RX port.
13
RX4
RX4 of antenna switch. This is a 50
 output. This port is interchangeable
with any other RX port.
LB RF IN
HB RF IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com