Electronic Components Datasheet Search
  English  ▼

X  

RF7161 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF7161
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161 Datasheet(HTML) 1 Page - RF Micro Devices

  RF7161 Datasheet HTML 1Page - RF Micro Devices RF7161 Datasheet HTML 2Page - RF Micro Devices RF7161 Datasheet HTML 3Page - RF Micro Devices RF7161 Datasheet HTML 4Page - RF Micro Devices RF7161 Datasheet HTML 5Page - RF Micro Devices RF7161 Datasheet HTML 6Page - RF Micro Devices RF7161 Datasheet HTML 7Page - RF Micro Devices RF7161 Datasheet HTML 8Page - RF Micro Devices RF7161 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
GND
GND
GND
GND
RX4
GND
RFIN HB
RFIN LB
GND
ANTENNA
ESD
Protection
78
6
5
4
3
2
122
20
19
18
17
16
15
14
13
12
11
10
9
21
Switch
Amplifier
CMOS Controller
RF7161
QUAD-BAND GSM850/EGSM900/DCS1800/
PCS1900 TRANSMIT MODULE
The RF7161 is a quad-band (GSM850/EGSM900/DCS1800/PCS1900) GSM/GPRS, Class 12
compliant tr ansmit m odule wit h four interchangeable receive ports. T his tra nsmit mo dule
builds upon RFMD’s leading power amplifier with PowerStar® integrated power control technol-
ogy, pHEMT switch technology, and integrated transmit filtering for best-in-class harmonic per-
formance. T he re sults ar e hi gh p erformance, re duced so lution si ze, an d ea se of
implementation. The device is designed for use as the final portion of the transmitter section in
a GSM8 50/EGSM900/DCS1800/PCS1900 hands et an d eli minates the n eed f or a P A-to-
antenna switch module matching network.
The R F7161 f eatures R FMD’s l atest i ntegrated power-flattening c ircuit which s ignificantly
reduces current and power variation into load mismatch. Additionally, a VBATT tracking feature is
incorporated to maintain switching performance as supply voltage decreases. The RF7161 also
integrates an ESD filter to provide excellent ESD protection at the antenna port. The RF7161 is
designed to provide maximum efficiency at rated POUT.
Features
Enhanced Performance
Transmit Module
No External Routing
High Efficiency at Rated POUT
VBATT=3.5V
GSM850/EGSM900=40%
DCS1800/PCS1900=37%
Low RX Insertion Loss
Four Symmetrical RX Ports
0dBm to 6dBm Drive Level,
>50dB of Dynamic Range
Integrated Power Flattening
Circuit
VBATT Tracking Circuit
Applications
3V Quad-Band GSM/GPRS
Handsets
GSM850/EGSM900/DCS180
0/PCS1900 Products
GPRS Class 12 Compliant
Portable Battery-Powered
Equipment
DS091006

Package: Module 6.63mmx5.24mm1.0mm
RF7161Quad-
Band
GSM850/EGS
M900/DCS18
00/
RF7161
Quad-Band GSM850/EGSM900/DCS1800/PCS1900 Trans-
mit Module
RF7161SB
Transmit Module 5-Piece Sample Pack
RF7161PCBA-41X
Fully Assembled Evaluation Board


Similar Part No. - RF7161

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF7115 RFMD-RF7115 Datasheet
572Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF7115 RFMD-RF7115 Datasheet
754Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF7115PCBA-41X RFMD-RF7115PCBA-41X Datasheet
572Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF7115PCBA-41X RFMD-RF7115PCBA-41X Datasheet
754Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF7115SB RFMD-RF7115SB Datasheet
572Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
More results

Similar Description - RF7161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
Triple-band VCO for GSM900/DCS1800/PCS1900
logo
NXP Semiconductors
BGY288 PHILIPS-BGY288 Datasheet
140Kb / 22P
Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Rev. 01-2 February 2005
logo
TriQuint Semiconductor
TQ1422 TRIQUINT-TQ1422 Datasheet
132Kb / 6P
GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
logo
Skyworks Solutions Inc.
CX77301 SKYWORKS-CX77301 Datasheet
522Kb / 14P
PA Module Dual-band EGSM900 DCS1800 / GPRS
logo
NXP Semiconductors
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
logo
Mitsubishi Electric Sem...
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
logo
RF Micro Devices
RF3158 RFMD-RF3158 Datasheet
610Kb / 26P
QUAD-BAND GSM/EDGE/GSM850/EGSM900 /DCS/PCS POWER AMPLIFIER MODULE
RF7115 RFMD-RF7115 Datasheet
572Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF7115 RFMD-RF7115_1 Datasheet
754Kb / 22P
QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com