Electronic Components Datasheet Search
  English  ▼

X  

RF7161 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RF7161
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RF7161 Datasheet HTML 11Page - RF Micro Devices RF7161 Datasheet HTML 12Page - RF Micro Devices RF7161 Datasheet HTML 13Page - RF Micro Devices RF7161 Datasheet HTML 14Page - RF Micro Devices RF7161 Datasheet HTML 15Page - RF Micro Devices RF7161 Datasheet HTML 16Page - RF Micro Devices RF7161 Datasheet HTML 17Page - RF Micro Devices RF7161 Datasheet HTML 18Page - RF Micro Devices RF7161 Datasheet HTML 19Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
Notes: C9, C10, C11, and C12 are optional decoupling capacitors which may not be needed in the application. RX1, RX2, RX3,
and RX4 usually connect to SAW filters. C5, C6, C7, and C 8 are u sed to block the DC voltage present on RX pins. C13, C14,
C15, and C16 are used to match the RX pins to a 50
 filter.
1
2
C1
22pF
1
2
C2
56pF
C4
DNI
1
2
C6
33pF
1
2
C8
33pF
J1
J4
J2
J7
ANT
J5
Vramp
Gpctrl 0
Gpctrl 1
TxEnable
12
C9
100pF
12
C10
100pF
1
2
C11
100pF
Gpctrl 0
Gpctrl 1
TxEnable
HB_RF_IN
LB_RF_IN
RX1
RX4
+
C3
22uF
VBATT
Gpctrl 2
12
C5
33pF
1
2
C7
33pF
J3
RX2
J6
RX3
Gpctrl 2
12
C12
100pF
RFIN_HB
5
GND
4
RFIN_LB
3
GND
15
ANT
14
U1
RF7161
C13
0.5pF
C14
0.5pF
C15
0.5pF
C16
0.5pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HDR_1X14
Gpctrl 0
Gpctrl 1
TxEnable
Vramp
VBATT
V SENSE
Gpctrl 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com