Electronic Components Datasheet Search
  English  ▼

X  

RF7161 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF7161
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF7161 Datasheet HTML 10Page - RF Micro Devices RF7161 Datasheet HTML 11Page - RF Micro Devices RF7161 Datasheet HTML 12Page - RF Micro Devices RF7161 Datasheet HTML 13Page - RF Micro Devices RF7161 Datasheet HTML 14Page - RF Micro Devices RF7161 Datasheet HTML 15Page - RF Micro Devices RF7161 Datasheet HTML 16Page - RF Micro Devices RF7161 Datasheet HTML 17Page - RF Micro Devices RF7161 Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
C5
33 pF
C4
33 pF
C6
33 pF
C7
33 pF
C1
22 pF
C2
56 pF
C3
22 uF
C8
0.5 pF
C10
1.5 pF
C11
1.5 pF
C9
0.5 pF
C12
1.2 pF
L2
2.2 nH
L1
2.2 nH
RX4
RFIN HB
RFIN LB
ANTENNA
ESD
Protection
78
6
5
4
3
2
122
20
19
18
17
16
15
14
13
12
11
10
9
21
Switch
Amplifier
CMOS Controller
*All input, output, and antenna traces are 50 ohm microstrip.
**VBATT capacitor value may change depending on application.
***RX ports usually connect to SAW filters. It is highly recommended to place shunt capacitors C8 – C11 and inductors L3 and
L4 to provide the
most flexibility for optimally matching the RX ports to the SAW filter for best RX performance. The series-L/shunt C networks are
used on RX3 and RX4
which are recommended for high-band operation and give a greater degree of freedom in finding the correct match. The values
shown for these components may
not be ideal for each application, therefore, some experimentation may be warranted to find the correct values. Series
capacitors C4 – C7 are required to block
the DC voltage that is present on the RX pins.
****The recommended ordering of the RX ports for transceiver layout compatibility and isolation requirements is as follows:
RX1=GSM850, RX2=EGSM900, RX3=DCS1800,
and RX4=PCS1900.
*****If placing an attenuation network on the input to the power amplifier, ensure that it is positioned on the transceiver side of
the capacitor C1 (or C2) to prevent adversely affecting
the base biasing of the power amplifier.
******For control of higher order high-band harmonics, a low-pass filter is required on the ANT output. The values listed in this
application schematic are suggested only and depend on the
particular application, as they are heavily dependent on the phone circuit layout.
L3
2.7 nH
L4
2.7 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com