Electronic Components Datasheet Search
  English  ▼

X  

RF7161 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF7161
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF7161 Datasheet HTML 12Page - RF Micro Devices RF7161 Datasheet HTML 13Page - RF Micro Devices RF7161 Datasheet HTML 14Page - RF Micro Devices RF7161 Datasheet HTML 15Page - RF Micro Devices RF7161 Datasheet HTML 16Page - RF Micro Devices RF7161 Datasheet HTML 17Page - RF Micro Devices RF7161 Datasheet HTML 18Page - RF Micro Devices RF7161 Datasheet HTML 19Page - RF Micro Devices RF7161 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Tape and Reel
Carrier tape basic dimensions are based on EIA 481. The pocket is designed to hold the part for shipping and loading onto SMT
manufacturing equipment, while protecting the body and the solder terminals from damaging stresses. The individual pocket
design can vary from vendor to vendor, but width and pitch will be consistent.
Carrier tape is wound or placed onto a shipping reel either 330mm (13 inches) in diameter or 178mm (7 inches) in diameter.
The center hub design is large enough to ensure the radius formed by the carrier tape ar ound it does not put unnecessary
stress on the parts.
Prior to shipping, moisture sensitive parts (MSL level 2a-5a) are baked and placed into the pockets of the carrier tape. A cover
tape is sealed o ver the t op of the entire length o f the carrier tape. The reel is sealed in a mo isture barrier ESD bag with the
appropriate units of desicc ant and a humidity indicator card, which is pl aced in a cardboard shipping box. It is important to
note that unused moisture sensitive parts need to be resealed in the moisture barrier bag. If the reels e xceed the e xposure
limit and need to be rebaked, most carrier tape and shipping reels are not rated as bakeable at 125°C. If baking is required,
devices may be baked according to section 4, table 4-1, of Joint Industry Standard IPC/JEDEC J-STD-033.
The table below provides information for carrier tape and reels used for shipping the devices described in this document.
Tape and Reel
RFMD Part Number
Reel
Diameter
Inch (mm)
Hub
Diameter
Inch (mm)
Width
(mm)
Pocket Pitch
(mm)
Feed
Units per
Reel
RF7161TR13
13 (330)
4 (102)
12
8
Single
2500
RF7161TR7
7 (178)
2.4 (61)
12
8
Single
750
Unless otherwise specified, all dimension tolerances per EIA-481.
400 mm Leader
Direction of Feed
Sprocket holes toward
rear of reel
400 mm Trailer
Top View
Pin 1
Location
Figure 1. 5.24mmx6.63mm (Carrier Tape Drawing with Part Orientation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com