Electronic Components Datasheet Search
  English  ▼

X  

RF7161 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF7161
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF7161 Datasheet HTML 6Page - RF Micro Devices RF7161 Datasheet HTML 7Page - RF Micro Devices RF7161 Datasheet HTML 8Page - RF Micro Devices RF7161 Datasheet HTML 9Page - RF Micro Devices RF7161 Datasheet HTML 10Page - RF Micro Devices RF7161 Datasheet HTML 11Page - RF Micro Devices RF7161 Datasheet HTML 12Page - RF Micro Devices RF7161 Datasheet HTML 13Page - RF Micro Devices RF7161 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
14
Antenna
Antenna port. This is a 50
 output.
15
GND
Ground.
16
GND
Ground.
17
GPCTRL2
Control pin that together with GpCtrl0 and GpCtrl1 selects the band of
operation.
18
VBATT
Power supply for the module. This should be connected to the battery ter-
minal using as wide a trace as possible.
19
GPCTRL1
Control pin that together with GpCtrl0 and GpCtrl2 selects the band of
operation.
20
GPCTRL0
Control pin that together with GpCtrl1 and GpCtrl2 selects the band of
operation.
21
TX ENABLE
This signal enables the PA module for operation with a logic high. The
switch is put in TX mode determined by GpCtrl0, GpCtrl1, and GpCtrl2.
22
VRAMP
VRAMP ramping signal from DAC. A simple RC filter is integrated into the
RF7161 module. VRAMP may or may not require additional filtering
depending on the baseband selected.
TX ON
TX ENABLE
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com