Electronic Components Datasheet Search
  English  ▼

X  

RF7161 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF7161
Description  QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7161 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF7161 Datasheet HTML 8Page - RF Micro Devices RF7161 Datasheet HTML 9Page - RF Micro Devices RF7161 Datasheet HTML 10Page - RF Micro Devices RF7161 Datasheet HTML 11Page - RF Micro Devices RF7161 Datasheet HTML 12Page - RF Micro Devices RF7161 Datasheet HTML 13Page - RF Micro Devices RF7161 Datasheet HTML 14Page - RF Micro Devices RF7161 Datasheet HTML 15Page - RF Micro Devices RF7161 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12 of 20
RF7161
DS091006
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
Product Description
The RF7161 is a q uad-band transmit modu le (TXM) with fully -integrated power control functionality, harmonic filtering, band
selectivity, and TX/RX switching. The TXM is self-contained, having 50
 I/O terminals and four interchangeable RX ports allow-
ing quad-band operation. The power control function eliminates all power control circuitry, including directional couplers, diode
detectors, and power control ASICs, etc. The power control capability provides 50 dB of continuous control range and 70 dB of
total control range, using a DAC-compatible, analog voltage input. The TX Enable feature provides for PA activation (TX mode) or
RX mode/standby. Internal switching provides a low-loss, low-distortion path from the antenna port to the TX path (or RX port)
while maintaining proper isolation.
Overview
The RF7161 simplifies the phone design by eliminating the need for the complicated control loop, harmonic filters, and TX/RX
switch along with their associated matching components. The power control loop can be driven directly from the DAC output in
the baseband circuit. The module has four RX ports for GSM850/EGSM900/DCS1800/PCS1900 operation. The four RX ports
can be used interchangeably. To control the mode of operation there are four logic control signals: TX Enable, GpCtrl0, GpCtrl1,
and GpCtrl2. RF7161 offers high efficiency at the rated POUT as backed-off efficiency is improved in this TXM.
Power Ramping and Timing
The RF7161 should be po wered on according to the po wer-on sequence below. It is designed to prevent operatio n of the
amplifier under conditions that could cause damage to the device or erratic operation.
There are some setup times associated with the contr ol signals of the RF7161. The most important of these is the se ttling
time between TXEN going high and when VRAMP can begin to increase. This time is often referred to as the “pedestal” and is
required so that the int ernal power control loop and bias cir cuitry can settle after being turned on. The RF7161 requires at
least 2
s or two quarter-bit times for proper settling of the power control loop.
The power-down sequence is in opposite order of the power-on sequence. As described in the figure below, VBATT is applied
first to provide bias to the silicon contr ol chip. Then the RF drive is applied. Finally, when TXEN is high, The VRAMP signal is
held at a c onstant 0.25V, and 2
s later, VRAMP begins to ramp up. The shape of V RAMP is important for maintaining the
switching transients. The basic shape of the ramping function should be raised cosine to achieve best transient performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com