Electronic Components Datasheet Search
  English  ▼

X  

AMC3311 Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC3311
Description  AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3311 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC3311 Datasheet HTML 4Page - Texas Instruments AMC3311 Datasheet HTML 5Page - Texas Instruments AMC3311 Datasheet HTML 6Page - Texas Instruments AMC3311 Datasheet HTML 7Page - Texas Instruments AMC3311 Datasheet HTML 8Page - Texas Instruments AMC3311 Datasheet HTML 9Page - Texas Instruments AMC3311 Datasheet HTML 10Page - Texas Instruments AMC3311 Datasheet HTML 11Page - Texas Instruments AMC3311 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
6.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD = 3.0 V to 5.5 V, and IN = –0.1 V to 2 V;
typical specifications are at TA = 25°C, and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
RIN
Input resistance
TA = 25℃
1
GΩ
IIB
Input bias current
IN = HGND, TA = 25℃
–15
3.5
15
nA
TCIIB
Input bias current drift(1)
±12
pA/°C
CIN
Input capacitance
fIN = 275 kHz
7
pF
ANALOG OUTPUT
Nominal gain
1
V/V
VCMout
Common-mode output voltage
1.39
1.44
1.49
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP – VOUTN);
VIN > VClipping
2.49
V
VFAILSAFE
Failsafe differential output voltage
VOUT = (VOUTP – VOUTN);
VDCDC_OUT ≤ VDCDCUV, or
VHLDO_OUT ≤ VHLDOUV
–2.6
–2.5
V
BW
Output bandwidth
220
275
kHz
ROUT
Output resistance
On OUTP or OUTN
0.2
Ω
Output short-circuit current
On OUTP or OUTN, sourcing or
sinking, IN = HGND, outputs shorted
to either GND or VDD
14
mA
CMTI
Common-mode transient immunity
85
135
kV/µs
ACCURACY
VOS
Input offset voltage(1) (2)
TA = 25°C, IN = HGND
–1
±0.1
1
mV
TCVOS
Input offset thermal drift(1) (2) (4)
–10
±3
10
µV/°C
EG
Gain error
TA = 25°C
–0.2%
±0.05%
0.2%
TCEG
Gain error drift(1) (5)
–40
±5
40
ppm/°C
Nonlinearity
–0.02%
±0.01%
0.02%
Nonlinearity thermal drift
1
ppm/°C
SNR
Signal-to-noise ratio
VIN = 2 VPP, VIN > 0 V,
fIN = 1 kHz, BW = 10 kHz,
10 kHz filter
75.5
78.4
dB
VIN = 2 VPP, VIN > 0 V,
fIN = 10 kHz, BW = 100 kHz,
1 MHz filter
67.5
THD
Total harmonic distortion(3)
VIN = 2 Vpp, VIN > 0 V,
fIN = 10 kHz, BW = 100 kHz
–80.6
dB
Output noise
IN = HGND, BW = 100 kHz
250
µVRMS
PSRR
Power-supply rejection ratio(2)
VDD from 3.0 V to 5.5 V, at DC
–85
dB
IN = HGND, VDD from 3.0 V to 5.5
V,
10-kHz, 100-mV ripple
–70
AMC3311
SBASAQ5A – JUNE 2023 – REVISED AUGUST 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC3311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com