Electronic Components Datasheet Search
  English  ▼

X  

AMC3311 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC3311
Description  AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3311 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC3311 Datasheet HTML 20Page - Texas Instruments AMC3311 Datasheet HTML 21Page - Texas Instruments AMC3311 Datasheet HTML 22Page - Texas Instruments AMC3311 Datasheet HTML 23Page - Texas Instruments AMC3311 Datasheet HTML 24Page - Texas Instruments AMC3311 Datasheet HTML 25Page - Texas Instruments AMC3311 Datasheet HTML 26Page - Texas Instruments AMC3311 Datasheet HTML 27Page - Texas Instruments AMC3311 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Table 8-2 summarizes the design parameters for this application.
Table 8-2. Design Summary
PARAMETER
VALUE
Unit resistor value, RX
665 kΩ
Number of unit resistors
6
Sense resistor values (RSNS1 and RSNS2)
10 kΩ
Resulting current through resistive divider (ICROSS at 400 V)
99.8 μA
Resulting full-scale voltage drop across sense resistor (RSNS1 + RSNS2)
1.995 V
Total power dissipated in resistive divider
39.9 mW
Power dissipated in unit resistor RX
6.6 mW
AMC23C11 reference resistor value, RREF
11 kΩ
Resulting overvoltage detection threshold
443 V
8.2.2.1 Input Filter Design
Placing an RC filter in front of the isolated amplifier improves signal-to-noise performance of the signal path. In
practice, however, the impedance of the resistor divider is high and only a small-value filter capacitor can be
used to not limit the signal bandwidth to an unacceptable low value. Design the input filter such that:
• The cutoff frequency of the filter is at least one order of magnitude lower than the sampling frequency
(20 MHz) of the internal ΔΣ modulator.
• The input bias current does not generate significant voltage drop across the DC impedance of the input
filter. Because the device has an input bias current in the low nanoampere range, IR drops across the filter
impedance are usually not a concern.
Most voltage-sensing applications use high-impedance resistive dividers in front of the isolated amplifier to scale
down the input voltage. In this case, a single capacitor (as shown in Figure 8-2) is sufficient to filter the input
signal.
100 pF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
IN
HGND
NC
AMC3311
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
Figure 8-2. Input Filter
AMC3311
SBASAQ5A – JUNE 2023 – REVISED AUGUST 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC3311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com