Electronic Components Datasheet Search
  English  ▼

X  

AMC3311 Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC3311
Description  AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3311 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC3311 Datasheet HTML 16Page - Texas Instruments AMC3311 Datasheet HTML 17Page - Texas Instruments AMC3311 Datasheet HTML 18Page - Texas Instruments AMC3311 Datasheet HTML 19Page - Texas Instruments AMC3311 Datasheet HTML 20Page - Texas Instruments AMC3311 Datasheet HTML 21Page - Texas Instruments AMC3311 Datasheet HTML 22Page - Texas Instruments AMC3311 Datasheet HTML 23Page - Texas Instruments AMC3311 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
The AMC3311 provides a fail-safe output that simplifies diagnostics on a system level. The fail-safe output
is active when the integrated DC/DC converter or high-side LDO do not deliver the required supply voltage
for the high-side of the device. Figure 7-3 and Figure 7-4 show the fail-safe output of the AMC3311, which
is a negative differential output voltage value that does not occur under normal operating conditions. Use the
maximum VFAILSAFE voltage specified in the Electrical Characteristics table as a reference value for the fail-safe
detection on a system level.
-2.492 V
VOUTN
VOUTP
Figure 7-3. Typical Negative Clipping Output of the AMC3311
-2.567 V
VOUTN
VOUTP
Figure 7-4. Typical Fail-Safe Output of the AMC3311
AMC3311
SBASAQ5A – JUNE 2023 – REVISED AUGUST 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC3311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com