Electronic Components Datasheet Search
  English  ▼

X  

AMC3311 Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC3311
Description  AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3311 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC3311 Datasheet HTML 18Page - Texas Instruments AMC3311 Datasheet HTML 19Page - Texas Instruments AMC3311 Datasheet HTML 20Page - Texas Instruments AMC3311 Datasheet HTML 21Page - Texas Instruments AMC3311 Datasheet HTML 22Page - Texas Instruments AMC3311 Datasheet HTML 23Page - Texas Instruments AMC3311 Datasheet HTML 24Page - Texas Instruments AMC3311 Datasheet HTML 25Page - Texas Instruments AMC3311 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
Isolated amplifiers are widely used for voltage measurements in high-voltage applications that must be isolated
from a low-voltage domain. A typical application is the sensing of the DC link voltage in a frequency inverter.
The high input impedance, low input bias current, low temperature drift, and high DC accuracy make the
AMC3311 a high-performance solution for applications where isolated voltage measurements are required.
8.2 Typical Application
Figure 8-1 shows a simplified schematic of the AMC3311 in a typical motor drive application. The DC link voltage
is divided down to an approximate 2-V level across the bottom two sense resistors (RSNS1 + RSNS2) of a
high-impedance resistive divider. This voltage is sensed by the AMC3311. The AMC3311 digitizes the analog
input signal on the high-side, transfers the data across the isolation barrier to the low-side, and reconstructs an
analog signal that is presented as a differential voltage on the output pins OUTN and OUTP.
2.2 µF
100 nF
VDD1
GND1
IN
REF
AMC23C11
VDD2
LATCH
OUT
GND2
to MCU
from MCU
100 nF
1 nF
100 nF
1 nF
100 nF
100 pF
FB1
FB2
RSNS1
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
IN
HGND
NC
AMC3311
100 nF
4.7 k
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
5 V supply
RREF
1 nF
1 nF
1 nF
RSNS2
DC-link +
DC-link –
Number of unit resistors depends
on design requirements.
See design examples for details.
power module
ICROSS
M
3~
RX1
RX2
ADC
Figure 8-1. The AMC3311 in a Motor Drive Application
The AMC3311 integrates an isolated power supply for the high-voltage side and therefore is particularly easy to
use in applications that do not have a high-side supply readily available. In this example, the integrated power
supply of the AMC3311 is also used to power an AMC23C11 isolated, high-speed comparator that is used for
low-latency overvoltage detection on the DC link.
The AMC23C11 isolated comparator senses the voltage across the bottom resistor (RSNS2) of the resistive
divider and compares that value against an adjustable reference voltage (VREF). The isolated comparator pulls
down the open-drain output on the low-side whenever the input voltage exceeds the reference value. For a
detailed description of the isolated comparator, see the AMC23C11 data sheet available for download at ti.com.
AMC3311
SBASAQ5A – JUNE 2023 – REVISED AUGUST 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC3311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com