Electronic Components Datasheet Search
  English  ▼

X  

AMC3311 Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC3311
Description  AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3311 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC3311 Datasheet HTML 7Page - Texas Instruments AMC3311 Datasheet HTML 8Page - Texas Instruments AMC3311 Datasheet HTML 9Page - Texas Instruments AMC3311 Datasheet HTML 10Page - Texas Instruments AMC3311 Datasheet HTML 11Page - Texas Instruments AMC3311 Datasheet HTML 12Page - Texas Instruments AMC3311 Datasheet HTML 13Page - Texas Instruments AMC3311 Datasheet HTML 14Page - Texas Instruments AMC3311 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
6.12 Insulation Characteristics Curves
0
25
50
75
100
125
150
T
A( °C)
0
100
200
300
400
500
V
DD= 3.6 V
V
DD= 5.5 V
G069
Figure 6-2. Thermal Derating Curve for Safety-Limiting Current
per VDE
Figure 6-3. Thermal Derating Curve for Safety-Limiting Power
per VDE
VDE Safety Margin Zone
Operating Zone
500
1500
2500
3500
4500
5500
6500
Applied Voltage (V
RMS)
1E+01
1E+02
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
TDDB Line (<1 PPM Fail Rate)
20 %
50 %
G077
116 yrs
174 yrs
VIOWM = 1200 VRMS, f = 60 Hz, TA ≤ 150°C
Figure 6-4. Reinforced Isolation Capacitor Lifetime Projection
www.ti.com
AMC3311
SBASAQ5A – JUNE 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC3311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com