Electronic Components Datasheet Search
  English  ▼

X  

AMC3311 Datasheet(PDF) 27 Page - Texas Instruments

Part # AMC3311
Description  AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3311 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC3311 Datasheet HTML 23Page - Texas Instruments AMC3311 Datasheet HTML 24Page - Texas Instruments AMC3311 Datasheet HTML 25Page - Texas Instruments AMC3311 Datasheet HTML 26Page - Texas Instruments AMC3311 Datasheet HTML 27Page - Texas Instruments AMC3311 Datasheet HTML 28Page - Texas Instruments AMC3311 Datasheet HTML 29Page - Texas Instruments AMC3311 Datasheet HTML 30Page - Texas Instruments AMC3311 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Table 8-3 lists components suitable for use with the AMC3311. This list is not exhaustive. Other components
can exist that are equally suitable (or better), however these listed components have been validated during the
development of the AMC3311.
Table 8-3. Recommended External Components
DESCRIPTION
PART NUMBER
MANUFACTURER
SIZE (EIA, L x W)
VDD
C8
1 nF ± 10%, X7R, 50 V
12065C102KAT2A(1)
AVX
1206, 3.2 mm x 1.6 mm
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
C9
1 µF ± 10%, X7R, 25 V
12063C105KAT2A(1)
AVX
1206, 3.2 mm x 1.6 mm
CGA3E1X7R1E105K080AC
TDK
0603, 1.6 mm x 0.8 mm
DC/DC CONVERTER
C4
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C3
1 nF ± 10%, X7R, 50 V
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
C2
1 µF ± 10%, X7R, 25 V
CGA3E1X7R1E105K080AC
TDK
0603, 1.6 mm x 0.8 mm
HLDO
C1
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C5
100 nF ± 5%, NP0, 50 V
C3216NP01H104J160AA(1)
TDK
1206, 3.2 mm x 1.6 mm
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C6
1 nF ± 10%, X7R, 50 V
12065C102KAT2A(1)
AVX
1206, 3.2 mm x 1.6 mm
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
FERRITE BEADS
FB1,FB2
Ferrite bead(2)
74269244182
Wurth Elektronik
0402, 1.0 mm x 0.5 mm
BLM15HD182SH1
Murata
0402, 1.0 mm x 0.5 mm
BKH1005LM182-T
Taiyo Yuden
0402, 1.0 mm x 0.5 mm
(1)
Component used for parametric validation.
(2)
No ferrite beads used for parametric validation.
www.ti.com
AMC3311
SBASAQ5A – JUNE 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AMC3311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com