Electronic Components Datasheet Search
  English  ▼

X  

AMC3311 Datasheet(PDF) 23 Page - Texas Instruments

Part # AMC3311
Description  AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3311 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC3311 Datasheet HTML 19Page - Texas Instruments AMC3311 Datasheet HTML 20Page - Texas Instruments AMC3311 Datasheet HTML 21Page - Texas Instruments AMC3311 Datasheet HTML 22Page - Texas Instruments AMC3311 Datasheet HTML 23Page - Texas Instruments AMC3311 Datasheet HTML 24Page - Texas Instruments AMC3311 Datasheet HTML 25Page - Texas Instruments AMC3311 Datasheet HTML 26Page - Texas Instruments AMC3311 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
The bottom resistor in the resistive divider is split into two equal-value resistors (RSNS1 and RSNS2) to
accommodate the headroom requirements of the reference voltage (VREF) of the isolated comparator, as
explained in the Detailed Design Procedure section.
8.2.1 Design Requirements
Table 8-1 lists the parameters for this typical application.
Table 8-1. Design Requirements
PARAMETER
VALUE
System input voltage
Single phase, 230 V, 50 Hz
DC link voltage (normal operation)
400 V (maximum)
DC link overvoltage detection level
450 V
Low-side supply voltage
5 V
Voltage drop across the sensing resistor (RSNS1 + RSNS2) for a linear
response
2 V (maximum)
Current through the resistive divider, ICROSS
100 μA (maximum)
Minimum headroom (VDD1 – VREF) for the reference voltage of the
AMC23C11 isolated comparator
1.4 V
Maximum resistor operating voltage
75 V
8.2.2 Detailed Design Procedure
The 100-μA, cross-current requirement at the maximum DC link voltage (400 V) determines that the total
impedance of the resistive divider is 4 MΩ. The impedance of the resistive divider is dominated by the top
portion (shown exemplary as RX1 and RX2 in Figure 8-1) and the voltage drop across RSNS1 and RSNS2 can
be neglected for a moment. The maximum allowed voltage drop per unit resistor is specified as 75 V; therefore,
the minimum number of unit resistors in the top portion of the resistive divider is 400 V / 75 V = 6. The calculated
unit value is 4 MΩ / 6 = 667 kΩ and the next closest value from the E96 series is 665 kΩ.
The total sense resistor (RSNS = RSNS1 + RSNS2) is sized such that the voltage drop across the resistor at
the maximum DC link voltage (400 V) equals the linear full-scale range input voltage (VFSR) of the AMC3311,
which is 2 V. This resistance is calculated as RSNS = VFSR / (VDC-link, max – VFSR) × RTOP, where RTOP is the total
value of the top resistor string (6 × 665 kΩ = 3990 kΩ). RSNS is calculated as 20.05 kΩ and split into two equal
resistors (RSNS1 and RSNS2) of 10 kΩ each, a value from the E96 series.
The isolated comparator senses the voltage drop across RSNS2. At the specified DC link overvoltage of 450
V, the voltage drop across RSNS2 is RSNS2 / (RTOP + RSNS1 + RSNS2) × VDC-link and equals 1.12 V. This
value is the trip threshold value, VREF. The trip threshold is set by the resistor RREF and is calculated as (1.12
V – 4 mV) / 100 μA = 11.2 kΩ. A value of 11 kΩ is selected from the E96 series, resulting in a slightly lower
reference voltage of 1.1 V. The 4-mV value subtracted from VREF is related to the hysteresis of the isolated
comparator on the rising edge of VIN. 100 μA is the value of the internal current source connected to the REF pin
of the AMC23C11. For a detailed calculation of the trip threshold, see the AMC23C11 data sheet. The resulting
overvoltage detection threshold is (VREF + 4 mV) / RSNS1 × (RTOP + RSNS1 + RSNS2), or 443 V.
The reference of the AMC23C11 comparator requires a minimum headroom to VDD1 of 1.4 V. The minimum
supply voltage (VDD1) to the isolated comparator is in the minimum output voltage of the AMC3311 high-side
LDO (VHLDO_OUT), which equals 3 V. Therefore, the reference operates at a minimum headroom of 3 V – 1.1 V =
1.9 V and satisfies the design requirements.
www.ti.com
AMC3311
SBASAQ5A – JUNE 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC3311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com