Electronic Components Datasheet Search
  English  ▼

X  

DLP651LE Datasheet(PDF) 6 Page - Texas Instruments

Part # DLP651LE
Description  DLP651LE 0.65 WXGA Digital Micromirror Device
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP651LE Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLP651LE Datasheet HTML 2Page - Texas Instruments DLP651LE Datasheet HTML 3Page - Texas Instruments DLP651LE Datasheet HTML 4Page - Texas Instruments DLP651LE Datasheet HTML 5Page - Texas Instruments DLP651LE Datasheet HTML 6Page - Texas Instruments DLP651LE Datasheet HTML 7Page - Texas Instruments DLP651LE Datasheet HTML 8Page - Texas Instruments DLP651LE Datasheet HTML 9Page - Texas Instruments DLP651LE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Table 5-1. Pin Functions (continued)
PIN
NET LENGTH
(mils)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
VSS (Ground)(3)
A6, A11,
A13, A15,
A17, B4,
B5, B8,
B14, B15,
B17, C2,
C18, C19,
F1, F2,
F19, H1,
H2, H3,
H18, J18,
K1, K2,
L19, N2,
P18, P19,
R4, R9,
R14, R15,
T7, T13,
T15, T17
P
Common return for all power
RESERVED SIGNALS
RESERVED_FC
R7
40.64
I
Connect to GND on the DLP system board.
The bond pad connects to an internal
pulldown circuit.
RESERVED_FD
R8
94.37
I
Connect to GND on the DLP system board.
The bond pad connects to an internal
pulldown circuit.
RESERVED_PFE
T8
50.74
I
Connect to ground on the DLP system
board. The bond pad connects to an internal
pulldown circuit.
RESERVED_STM
B6
I
Connect to GND on the DLP system board.
The bond pad connects to an internal
pulldown circuit.
RESERVED_TP0
R10
93.3
I
Do not connect on the DLP system board.
RESERVED_TP1
T11
263.74
I
Do not connect on the DLP system board.
RESERVED_TP2
R11
281.47
I
Do not connect on the DLP system board.
RESERVED_BA
T10
148.85
O
Do not connect on the DLP system board.
RESERVED_BB
A10
105.28
O
Do not connect on the DLP system board.
RESERVED_RA1
T9
O
Do not connect on the DLP system board.
RESERVED_RB1
A7
O
Do not connect on the DLP system board.
RESERVED_TS
B10
145.42
O
Do not connect on the DLP system board.
RESERVED_A(0)
T2
NC
Do not connect on the DLP system board.
RESERVED_A(1)
T3
RESERVED_A(2)
R3
RESERVED_A(3)
T4
RESERVED_M(0)
R2
NC
Do not connect on the DLP system board.
RESERVED_M(1)
P1
NC
Do not connect on the DLP system board.
RESERVED_S(0)
T1
NC
Do not connect on the DLP system board.
RESERVED_S(1)
R1
NC
Do not connect on the DLP system board.
RESERVED_IRQZ
T6
NC
Do not connect on the DLP system board.
RESERVED_OEZ
R5
NC
Do not connect on the DLP system board.
RESERVED_RSTZ
R6
NC
Do not connect on the DLP system board.
RESERVED_STR
T5
NC
Do not connect on the DLP system board.
RESERVED_STR
T5
NC
Do not connect on the DLP system board.
DLP651LE
DLPS153 – OCTOBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP651LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com