Electronic Components Datasheet Search
  English  ▼

X  

DLP651LE Datasheet(PDF) 1 Page - Texas Instruments

Part # DLP651LE
Description  DLP651LE 0.65 WXGA Digital Micromirror Device
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP651LE Datasheet(HTML) 1 Page - Texas Instruments

  DLP651LE Datasheet HTML 1Page - Texas Instruments DLP651LE Datasheet HTML 2Page - Texas Instruments DLP651LE Datasheet HTML 3Page - Texas Instruments DLP651LE Datasheet HTML 4Page - Texas Instruments DLP651LE Datasheet HTML 5Page - Texas Instruments DLP651LE Datasheet HTML 6Page - Texas Instruments DLP651LE Datasheet HTML 7Page - Texas Instruments DLP651LE Datasheet HTML 8Page - Texas Instruments DLP651LE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
DLP651LE 0.65 WXGA Digital Micromirror Device
1 Features
• 0.65-inch diagonal micromirror array
– WXGA (1280 × 800) display resolution
– 10.8 µm micromirror pitch
– ±12° micromirror tilt angle (relative to a flat
surface)
– Corner illumination
• 2×LVDS input data bus
• The DLP651LE chipset includes:
– DLP651LE DMD
– DLPC4430 controller
– DLPA100 controller power management and
motor driver IC
– DLPA200 DMD power management IC
2 Applications
• Smart lighting
• Business projector
• Education projector
3 Description
The DLP651LE digital micromirror device (DMD)
is a digitally controlled micro-electro-mechanical
system (MEMS) spatial light modulator (SLM)
that enables affordable WXGA display solutions.
The DLP651LE DMD, the DLPC4430 display
controller, the DLPA100 power and motor driver,
and the DLPA200 micromirror driver comprise the
chipset. This chipset is a cost-optimized version
of DLP650LE, offered in performance-enhancing
hermetic packaging, designed to enable applications
requiring a 16:10 aspect ratio with excellent
brightness.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE (NOM)
DLP651LE
FYM (149)
22.30 mm × 32.20 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
DLPC4430
Display Controller
SCRTL_A
2xLVDS Bus A Data Pairs
DCLK_A
2xLVDS Bus B Data Pairs
2xLVDS DMD
DCLK_B
DMD
Micromirror
Driver
MBRST
16
16
15
SCRTL_B
SPI
Voffset (VCC2)
12V
CTRL
VCC / VCCI (3.3V)
DLP651LE Simplified Schematic
DLP651LE
DLPS153 – OCTOBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLP651LE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
DLP651NE 0.65 1080p DMD
DLP651NEA0FYP TI-DLP651NEA0FYP Datasheet
1Mb / 43P
DLP651NE 0.65 1080p DMD
More results

Similar Description - DLP651LE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4500 TI1-DLP4500_16 Datasheet
2Mb / 57P
WXGA
DLPA200 TI1-DLPA200 Datasheet
438Kb / 29P
DMD Micromirror Driver
DLPC910 TI1-DLPC910 Datasheet
2Mb / 50P
Digital Controller for the DLP9000XFLS Digital Micromirror Device
DLP650LE TI1-DLP650LE Datasheet
737Kb / 38P
0.65 WXGA DMD
DLP650LNIR TI1-DLP650LNIR Datasheet
1Mb / 52P
0.65 NIR WXGA S450 DMD
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLP4620S-Q1 TI-DLP4620S-Q1 Datasheet
1Mb / 36P
DLP4620S-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Interior Display
DECEMBER 2022
DLP4621-Q1 TI-DLP4621-Q1 Datasheet
1Mb / 37P
DLP4621-Q1 0.46-Inch 0.9-Megapixel Digital Micromirror Device for Automotive Exterior Lighting
DECEMBER 2022
DLP550HE TI-DLP550HE Datasheet
1Mb / 44P
DLP550HE 0.55 SVGA Digital Micromirror Device
APRIL 2023
DLP230NP TI-DLP230NP_V01 Datasheet
2Mb / 43P
DLP230NP and DLP230NPSE .23 1080P Digital Micromirror Devices
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com