Electronic Components Datasheet Search
  English  ▼

X  

DLP651LE Datasheet(PDF) 3 Page - Texas Instruments

Part # DLP651LE
Description  DLP651LE 0.65 WXGA Digital Micromirror Device
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP651LE Datasheet(HTML) 3 Page - Texas Instruments

  DLP651LE Datasheet HTML 1Page - Texas Instruments DLP651LE Datasheet HTML 2Page - Texas Instruments DLP651LE Datasheet HTML 3Page - Texas Instruments DLP651LE Datasheet HTML 4Page - Texas Instruments DLP651LE Datasheet HTML 5Page - Texas Instruments DLP651LE Datasheet HTML 6Page - Texas Instruments DLP651LE Datasheet HTML 7Page - Texas Instruments DLP651LE Datasheet HTML 8Page - Texas Instruments DLP651LE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
5 Pin Configuration and Functions
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
2
4
6
8
10
12
20
18
16
14
1
3
5
7
9
11
19
17
15
13
Figure 5-1. FYM Package 149-Pin CLGA Bottom View
Table 5-1. Pin Functions
PIN
NET LENGTH
(mils)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
DATA INPUTS
D_AN(1)
G20
711.64
LVDS
I
LVDS pair for Data Bus A
D_AN(3)
H19
711.60
D_AN(5)
F18
711.60
D_AN(7)
E18
711.60
D_AN(9)
C20
711.60
D_AN(11)
B18
711.60
D_AN(13)
A20
711.60
D_AN(15)
B19
711.58
D_AP(1)
H20
711.66
D_AP(3)
G19
711.61
D_AP(5)
G18
711.59
D_AP(7)
D18
711.60
D_AP(9)
D20
711.59
D_AP(11)
A18
711.58
D_AP(13)
B20
711.59
D_AP(15)
A19
711.59
www.ti.com
DLP651LE
DLPS153 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DLP651LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com