Electronic Components Datasheet Search
  English  ▼

X  

DLP651LE Datasheet(PDF) 7 Page - Texas Instruments

Part # DLP651LE
Description  DLP651LE 0.65 WXGA Digital Micromirror Device
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP651LE Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLP651LE Datasheet HTML 3Page - Texas Instruments DLP651LE Datasheet HTML 4Page - Texas Instruments DLP651LE Datasheet HTML 5Page - Texas Instruments DLP651LE Datasheet HTML 6Page - Texas Instruments DLP651LE Datasheet HTML 7Page - Texas Instruments DLP651LE Datasheet HTML 8Page - Texas Instruments DLP651LE Datasheet HTML 9Page - Texas Instruments DLP651LE Datasheet HTML 10Page - Texas Instruments DLP651LE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Table 5-1. Pin Functions (continued)
PIN
NET LENGTH
(mils)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
RESERVED_VB
E3, F3,
K3, L3
NC
Do not connect on the DLP system board.
RESERVED_VR
B2, B3,
P2, P3
NC
Do not connect on the DLP system board.
(1)
I = Input, O = Output, G = Ground, A = Analog, P = Power, NC = No Connect.
(2)
Power supply pins required for all DMD operating modes are VSS, VBIAS, VCC, VCCI, VOFFSET, and VRESET.
(3)
VSS must be connected for proper DMD operation.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted).(1)
MIN
MAX
UNIT
SUPPLY VOLTAGES
VCC
Supply voltage for LVCMOS core logic(2)
–0.5
4
V
VCCI
Supply voltage for LVDS interface(2)
–0.5
4
V
VOFFSET
Micromirror electrode and HVCMOS voltage(2) (3)
–0.5
9
V
VMBRST
Input voltage for MBRST(15:0)(2)
–28
28
V
|VCCI – VCC|
Supply voltage delta (absolute value)(4)
0.3
V
INPUT VOLTAGES
Input voltage for all other input pins(2)
–0.5
VCC + 0.3
V
|VID|
Input differential voltage (absolute value)(5)
700
mV
CLOCKS
ƒCLOCK
Clock frequency for LVDS interface, DCLK_A
400
MHz
ƒCLOCK
Clock frequency for LVDS interface, DCLK_B
400
MHz
ENVIRONMENTAL
TARRAY
Temperature, operating(6)
0
90
°C
Temperature, non-operating(6)
–40
90
°C
TDP
Dew point temperature, operating and non-operating (noncondensing)
81
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltages are referenced to common ground VSS. VBIAS, VCC, VCCI, VOFFSET, and VRESET power supplies are all required for all DMD
operating modes.
(3)
VOFFSET supply transients must fall within specified voltages.
(4)
Exceeding the recommended allowable voltage difference between VCC and VCCI may result in excessive current draw.
(5)
The maximum LVDS input voltage rating applies when each input of a differential pair is at the same voltage potential.
(6)
The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1), shown in the figure in Section 7.5 .
(7)
VOFFSET supply transients must fall within specified voltages.
(8)
Excludes micromirror bias reset inputs MBRST(15:0).
www.ti.com
DLP651LE
DLPS153 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DLP651LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com