Electronic Components Datasheet Search
  English  ▼

X  

DLP651LE Datasheet(PDF) 8 Page - Texas Instruments

Part # DLP651LE
Description  DLP651LE 0.65 WXGA Digital Micromirror Device
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP651LE Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLP651LE Datasheet HTML 4Page - Texas Instruments DLP651LE Datasheet HTML 5Page - Texas Instruments DLP651LE Datasheet HTML 6Page - Texas Instruments DLP651LE Datasheet HTML 7Page - Texas Instruments DLP651LE Datasheet HTML 8Page - Texas Instruments DLP651LE Datasheet HTML 9Page - Texas Instruments DLP651LE Datasheet HTML 10Page - Texas Instruments DLP651LE Datasheet HTML 11Page - Texas Instruments DLP651LE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
6.2 Storage Conditions
Applicable for the DMD as a component or non-operating in a system.
MIN
MAX
UNIT
TDMD
DMD storage temperature
–40
80
°C
TDP-AVG
Average dew point temperature (non-condensing) (1)
28
°C
TDP-ELR
Elevated dew point temperature range (non-condensing) (2)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
24
Months
(1)
The average over time (including storage and operating) that the device is not in the elevated dew point temperature range.
(2)
Exposure to dew point temperatures in the elevated range during storage and operation should be limited to less than a total
cumulative time of CTELR.
6.3 ESD Ratings
SYMBOL
PARAMETER
DESCRIPTION
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
V
V(ESD)
Electrostatic
discharge (MBRST
PINS)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001
±150
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.4 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted). The functional performance of the device specified in
this data sheet is achieved when operating the device within the limits defined by this table. No level of performance is
implied when operating the device above or below these limits.
MIN NOM
MAX
UNIT
VOLTAGE SUPPLY
VCC
Supply voltage for LVCMOS core logic(1)
3.0
3.3
3.6
V
VCCI
Supply voltage for LVDS Interface(1)
3.0
3.3
3.6
V
VOFFSET
Micromirror Electrode and HVCMOS voltage(1) (2)
8.25
8.5
8.75
V
VMBRST
Micromirror Bias / Reset Voltage(1)
–27
26.5
V
|VCC – VCCI|
Supply voltage delta (absolute value)(3)
0
0.3
V
LVCMOS INTERFACE
VIH
Input High Voltage
1.7
2.5
VCC + 0.3
V
VIL
Input Low Voltage
–0.3
0.7
V
IOH
High Level Output Current
–20
mA
IOL
Low Level Output Current
15
mA
tPWRDNZ
PWRDNZ pulse width(4)
10
ns
SCP INTERFACE
ƒSCPCLK
SCP clock frequency(5)
50
500
kHz
tSCP_PD
Propagation delay, clock to Q, from rising-edge of SCPCLK to valid
SCPDO(6)
0
900
ns
tSCP_DS
SCPDI clock setup time (before SCPCLK falling-edge)(6)
800
ns
tSCP_DH
SCPDI hold time (after SCPCLK falling-edge)(6)
900
ns
tSCP_NEG_ENZ
Time between falling-edge of SCPENZ and the rising-edge of
SCPCLK(5)
1
us
SCP_POS_ENZ
Time between falling-edge of SCPCLK and the rising-edge of
SCPENZ
1
us
tSCP_OUT_EN
Time required for SCP output buffer to recover after SCPENZ
(from tristate)
192/ƒDCLK
s
DLP651LE
DLPS153 – OCTOBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP651LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com