Electronic Components Datasheet Search
  English  ▼

X  

DLP651LE Datasheet(PDF) 12 Page - Texas Instruments

Part # DLP651LE
Description  DLP651LE 0.65 WXGA Digital Micromirror Device
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP651LE Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLP651LE Datasheet HTML 8Page - Texas Instruments DLP651LE Datasheet HTML 9Page - Texas Instruments DLP651LE Datasheet HTML 10Page - Texas Instruments DLP651LE Datasheet HTML 11Page - Texas Instruments DLP651LE Datasheet HTML 12Page - Texas Instruments DLP651LE Datasheet HTML 13Page - Texas Instruments DLP651LE Datasheet HTML 14Page - Texas Instruments DLP651LE Datasheet HTML 15Page - Texas Instruments DLP651LE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
6.6 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
VCC = 3 V, IOH = – 20 mA
2.4
V
VOL
Low level output voltage
VCC = 3.6 V, IOL = 15 mA
0.4
V
IOZ
High impedance output current
VCC = 3.6 V
10
µA
IIL
Low level input current
VCC = 3.6 V, VI = 0
–60
µA
IIH
High level input current (1)
VCC = 3.6 V, VI = VCC
200
µA
ICC
Supply current VCC (2)
VCC = 3.6 V
479
mA
ICCI
Supply current VCCI (2)
VCCI = 3.6 V
309
mA
IOFFSET
Supply current VOFFSET (3)
VOFFSET = 8.75 V
25
mA
ZIN
Internal differential termination resistance
95
105
Ω
ZLINE
Line differential impedance (PWB/trace)
90
100
110
Ω
CI
Input capacitance(1)
f = 1 MHz
10
pF
CO
Output capacitance(1)
f = 1 MHz
10
pF
CIM
Input capacitance for MBRST[0:15] pins
f = 1 MHz
200
330
pF
(1)
Applies to LVCMOS pins only. Excludes LVDS pins and test pad pins
(2)
To prevent excess current, the supply voltage delta |VCCI – VCC| must be less than the specified limit in Section 6.4.
(3)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than the specified limit in Section 6.4.
6.7 Timing Requirements
Over Recommended Operating Conditions (unless otherwise noted).
PARAMETER DESCRIPTION
SIGNAL
MIN
TYP
MAX
UNIT
LVDS (1)
tC
Clock cycle duration for DCLK_A
LVDS
3.03
ns
tC
Clock cycle duration for DCLK_B
LVDS
3.03
ns
tW
Pulse duration for DCLK_A
LVDS
1.36
1.52
ns
tW
Pulse duration for DCLK_B
LVDS
1.36
1.52
ns
tSU
Setup time for D_A(15:0) before DCLK_A
LVDS
0.35
ns
tSU
Setup time for D_A(15:0) before DCLK_B
LVDS
0.35
ns
tSU
Setup time for SCTRL_A before DCLK_A
LVDS
0.35
ns
tSU
Setup time for SCTRL_B before DCLK_B
LVDS
0.35
ns
tH
Hold time for D_A(15:0) after DCLK_A
LVDS
0.35
ns
tH
Hold time for D_B(15:0) after DCLK_B
LVDS
0.35
ns
tH
Hold time for SCTRL_A after DCLK_A
LVDS
0.35
ns
tH
Hold time for SCTRL_B after DCLK_B
LVDS
0.35
ns
tSKEW
Channel B relative to Channel A(2) (3)
LVDS
–1.51
1.51
ns
(1)
See Timing Requirements for timing requirements for LVDS.
(2)
Channel A (Bus A) includes the following LVDS pairs: DCLK_AN and DCLK_AP, SCTRL_AN and SCTRL_AP, D_AN(15:0) and
D_AP(15:0)
(3)
Channel B (Bus B) includes the following LVDS pairs: DCLK_BN and DCLK_BP, SCTRL_BN and SCTRL_BP, D_BN(15:0) and
D_BP(15:0)
DLP651LE
DLPS153 – OCTOBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DLP651LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com