Electronic Components Datasheet Search
  English  ▼

X  

CX20921 Datasheet(PDF) 28 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 28 Page - Synaptics Incorporated.

Back Button CX20921 Datasheet HTML 24Page - Synaptics Incorporated. CX20921 Datasheet HTML 25Page - Synaptics Incorporated. CX20921 Datasheet HTML 26Page - Synaptics Incorporated. CX20921 Datasheet HTML 27Page - Synaptics Incorporated. CX20921 Datasheet HTML 28Page - Synaptics Incorporated. CX20921 Datasheet HTML 29Page - Synaptics Incorporated. CX20921 Datasheet HTML 30Page - Synaptics Incorporated. CX20921 Datasheet HTML 31Page - Synaptics Incorporated. CX20921 Datasheet HTML 32Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
CX20921 AudioSmart Data Sheet
Sony/Philips Digital Interface Format (S/PDIF) Receiver
Conexant Confidential
03/11/15
001DSR01
22
Sony/Philips Digital Interface Format (S/PDIF) Receiver
The CX20921 supports the industry-standard IEC 60958 digital audio interface, also known as S/PDIF.
The S/PDIF receiver is a serial, uni-directional, self-clocking interface for the interconnection of digital
audio equipment. The S/PDIF provides a digital audio interface for receiving and playback of audio. The
audio data is coded in PCM format with a resolution of 16-bits or 24-bits per sample.
The S/PDIF receiver supports sample rates from 44.1kHz up to 192kHz.
Note:
The SPDIF_IN signal is multiplexed with I2S_RX_DATA_3.
Integrated Interchip Sound (I2S)
The CX20921 supports independent three-wire TX and five-wire RX interfaces. Each interface can be set
for master or slave mode. The:
•
TX and RX interfaces can be powered independently.
•
TX three-wire mode consists of signals BCLK, LRCLK, and TX_DATA.
•
RX five-wire mode consists of signals BCLK, LRCLK, and RX_DATA_1, RX_DATA_2, RX_DATA_3
Note:
The I2S_RX_DATA_3 is multiplexed with SPDIF_IN.
Both interfaces support audio sample rates from 8kHz up to 192kHz for both record and playback. The
supported sample widths are 8-bit, 16-bit, and 24-bit.
The CX20921 supports standard I2S mode, left-justified mode, and right-justified mode.
Note:
–
I2S_TX_LRCLK_2 is multiplexed with DMIC_CLK and RTS.
–
I2S_TX_DATA_2 is multiplexed with DMIC_DATA, SPI select 1 (SSI_SS1), and CTS.
–
I2S_TX_CLK_2 is multiplexed with GPIO2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com