Electronic Components Datasheet Search
  English  ▼

X  

CX20921 Datasheet(PDF) 9 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 9 Page - Synaptics Incorporated.

Back Button CX20921 Datasheet HTML 5Page - Synaptics Incorporated. CX20921 Datasheet HTML 6Page - Synaptics Incorporated. CX20921 Datasheet HTML 7Page - Synaptics Incorporated. CX20921 Datasheet HTML 8Page - Synaptics Incorporated. CX20921 Datasheet HTML 9Page - Synaptics Incorporated. CX20921 Datasheet HTML 10Page - Synaptics Incorporated. CX20921 Datasheet HTML 11Page - Synaptics Incorporated. CX20921 Datasheet HTML 12Page - Synaptics Incorporated. CX20921 Datasheet HTML 13Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
CX20921 AudioSmart Data Sheet
Features
Conexant Confidential
03/11/15
001DSR01
3
Interfaces
•
Universal Serial Bus (USB) 2.0 full-speed USB Audio Class (UAC):
–
Supports up to five endpoints
–
Fully configurable endpoints
•
Stereo digital microphone Pulse Density Modulated (PDM) interface (muxed pin):
–
Clock frequency = 1.536MHz and 3.072MHz
–
Supported sample rates = 8kHz to 96kHz
–
Available gain boost range from 0dB to 48dB in 12dB steps
•
I2S:
–
Output supports:
■ Four-channel I2S output available through pin muxing
■ Three-wire or six-wire digital audio interface
■ Master and slave configuration
■ 8kHz up to 192kHz sample rates
■ 8-bit, 16-bit, and 24-bit sample width
■ Left-justified and Right-justified mode (I2S only)
–
Input supports:
■ Six-channel I2S available through pin muxing
■ Four-wire or five-wire digital audio interface
■ Master and slave configuration
■ 8kHz up to 192kHz sample rates
■ 8-bit, 16-bit, and 24-bit sample width
■ Left-justified and Right-justified mode (I2S only)
•
SPI master:
–
Five-wire interface with two slave chip select outputs
–
Second slave chip select is optional through pin muxing
–
Maximum clock frequency up to 50MHz
•
I2C slave:
–
Maximum clock frequency of 1MHz
–
Control and boot
•
One Universal Asynchronous Receiver/Transmitter (UART) interface—Maximum baud rate up to
1.5625Mbps
•
Sony/Philips Digital Interface Format (S/PDIF) Receiver (RX) (muxed pin) that supports sample rates
from 44.1kHz up to 192kHz
•
One dedicated General Purpose Input/Output (GPIO)—One multiplexed with I2S_TX_CLK_2
Clocks
•
24MHz crystal clock
•
On-chip programmable Phase Locked Loops (PLLs)—Five internal PLLs for the audio processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com