Electronic Components Datasheet Search
  English  ▼

X  

CX20921 Datasheet(PDF) 10 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 10 Page - Synaptics Incorporated.

Back Button CX20921 Datasheet HTML 6Page - Synaptics Incorporated. CX20921 Datasheet HTML 7Page - Synaptics Incorporated. CX20921 Datasheet HTML 8Page - Synaptics Incorporated. CX20921 Datasheet HTML 9Page - Synaptics Incorporated. CX20921 Datasheet HTML 10Page - Synaptics Incorporated. CX20921 Datasheet HTML 11Page - Synaptics Incorporated. CX20921 Datasheet HTML 12Page - Synaptics Incorporated. CX20921 Datasheet HTML 13Page - Synaptics Incorporated. CX20921 Datasheet HTML 14Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
CX20921 AudioSmart Data Sheet
Features
Conexant Confidential
03/11/15
001DSR01
4
Power Management
•
Integrated Direct Current-to-Direct Current (DC-DC) converter
External Memory Interface Support
•
Serial flash
Boot Device
•
Serial Electrically Erasable Programmable Read-Only Memory (EEPROM)
Footprint
•
7mm x 7mm, 60-pin QFN, single row 0.4mm pitch
DSP Algorithms
Conexant DSP Algorithms
•
Multi-thread processing
•
Multi-vendors speech recognition hit rate optimization
•
Skype TV-certified Super Wide Band (SWB) far field voice processing with Watch Live and Talk
•
Multi-channel AEC
Third-Party Digital Signal Processing (DSP) Algorithms with Royalties
•
Speech recognition for voice wake function
Note:
Contact Conexant’s Sales Office for a more recent list of third-party algorithms.
Firmware and Software
•
Small footprint Real-Time Operating System (RTOS)
•
Drivers for all peripherals
•
File system for SPI memory
•
USB Human Interface Device (HID)
•
Sculptor configuration toolbox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com