Electronic Components Datasheet Search
  English  ▼

X  

CX20921 Datasheet(PDF) 7 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 7 Page - Synaptics Incorporated.

Back Button CX20921 Datasheet HTML 3Page - Synaptics Incorporated. CX20921 Datasheet HTML 4Page - Synaptics Incorporated. CX20921 Datasheet HTML 5Page - Synaptics Incorporated. CX20921 Datasheet HTML 6Page - Synaptics Incorporated. CX20921 Datasheet HTML 7Page - Synaptics Incorporated. CX20921 Datasheet HTML 8Page - Synaptics Incorporated. CX20921 Datasheet HTML 9Page - Synaptics Incorporated. CX20921 Datasheet HTML 10Page - Synaptics Incorporated. CX20921 Datasheet HTML 11Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
CX20921 AudioSmart Data Sheet
Introduction
Conexant Confidential
03/11/15
001DSR01
1
Introduction
Overview
The CX20921 is a high-performance, far field voice input processor SoC. The CX20921 is the first product
in this category with an integrated voice trigger function that supports a low system power WoV function.
The device includes 24-bit microphone ADCs, a powerful dual core 32-bit hardware DSP, and integrated
power management. Combined with Conexant’s advanced far field AudioSmart software, the CX20921 is
the ideal turnkey solution for adding voice control, voice search, and VoIP functionalities to SmartTV, STB,
automotive hands-free systems, and Smart appliances.
The CX20921 device supports a microphone array with up to two synchronized ADCs and programmable
pre-amplifiers. Each pre-amplifier is paired with a dedicated bias supply to eliminate crosstalk. The entire
input path guarantees 106dB dynamic range, which maximizes speech-to-noise ratio with low boost and
prevents microphone saturation.
Conexant's proprietary far field AudioSmart software takes advantage of the built-in hardware to deliver a
superior voice interactive experience in the most challenging room environments. The voice processing
chain also supports multi-thread processing streams, which are independently optimized for voice
communication and automatic speech recognition.
When ADC and DSP are active in the WoV mode, the device consumes less than 70mW, which is well
below the 0.5W EC 1275/2008 requirement for standby power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com