Electronic Components Datasheet Search
  English  ▼

X  

CX20921 Datasheet(PDF) 5 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 5 Page - Synaptics Incorporated.

  CX20921 Datasheet HTML 1Page - Synaptics Incorporated. CX20921 Datasheet HTML 2Page - Synaptics Incorporated. CX20921 Datasheet HTML 3Page - Synaptics Incorporated. CX20921 Datasheet HTML 4Page - Synaptics Incorporated. CX20921 Datasheet HTML 5Page - Synaptics Incorporated. CX20921 Datasheet HTML 6Page - Synaptics Incorporated. CX20921 Datasheet HTML 7Page - Synaptics Incorporated. CX20921 Datasheet HTML 8Page - Synaptics Incorporated. CX20921 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
CX20921 AudioSmart Data Sheet
List of Figures
Conexant Confidential
03/11/15
001DSR01
V
List of Figures
Figure 1: CX20921 Block Diagram ................................................................................................................................................... 5
Figure 2: CX20921 Pin Configuration ............................................................................................................................................... 6
Figure 3: DC-DC Converter—Internal 1V ....................................................................................................................................... 14
Figure 4: SPI Transmit Timing ........................................................................................................................................................ 15
Figure 5: SPI Transmit and Receive Timing ................................................................................................................................... 16
Figure 6: I2C Bus Transactions ...................................................................................................................................................... 18
Figure 7: I2C Data Transfer Format................................................................................................................................................ 18
Figure 8: Interface Timing Requirements for 400kHz Transfer....................................................................................................... 19
Figure 9: DMIC................................................................................................................................................................................ 20
Figure 10: DMIC Timing.................................................................................................................................................................. 21
Figure 11: I2S Timing Diagram....................................................................................................................................................... 23
Figure 12: I2S Timing Diagram—16 Bits per Channel I2S ............................................................................................................. 23
Figure 13: Left-Justified Timing Diagram........................................................................................................................................ 24
Figure 14: Right-Justified Timing Diagram...................................................................................................................................... 24
Figure 15: Package Dimensions: 60-Pin QFN................................................................................................................................ 26
Figure 16: CX20921 Device PCB Footprint .................................................................................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com