Electronic Components Datasheet Search
  English  ▼

X  

CX20921 Datasheet(PDF) 33 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 33 Page - Synaptics Incorporated.

Back Button CX20921 Datasheet HTML 27Page - Synaptics Incorporated. CX20921 Datasheet HTML 28Page - Synaptics Incorporated. CX20921 Datasheet HTML 29Page - Synaptics Incorporated. CX20921 Datasheet HTML 30Page - Synaptics Incorporated. CX20921 Datasheet HTML 31Page - Synaptics Incorporated. CX20921 Datasheet HTML 32Page - Synaptics Incorporated. CX20921 Datasheet HTML 33Page - Synaptics Incorporated. CX20921 Datasheet HTML 34Page - Synaptics Incorporated. CX20921 Datasheet HTML 35Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
CX20921 AudioSmart Data Sheet
Package Thermal Data
Conexant Confidential
03/11/15
001DSR01
27
Package Thermal Data
Note:
The data is based on the JEDEC JESD51-5 test board.
Table 11: Package Thermal Data
Item
Description
Die Power (W)
0.817
Ambient Temperature Maximum/Minimum (°C)
70/0 (CX20921-21Z)
85/–40 (CX20921-99Z)
Junction Temperature Maximum/Minimum (°C)
125/0
Storage Temperature Maximum/Minimum (°C)
125/–40
ΘTA Maximum (°C/W)
32.7
ψJT Maximum (°C/W)
0.248
ψJB Maximum (°C/W)
6.411
Table 12: Test Board and Conditions for Thermal Data
Item
Description
Size (in mm)
76.2 x 114.3
Motherboard Thickness (in mm)
1.6 ± 10%
Motherboard Material
FR-4
Number of Layers in Motherboard
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com