Electronic Components Datasheet Search
  English  ▼

X  

CX20921 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX20921 Datasheet HTML 1Page - Synaptics Incorporated. CX20921 Datasheet HTML 2Page - Synaptics Incorporated. CX20921 Datasheet HTML 3Page - Synaptics Incorporated. CX20921 Datasheet HTML 4Page - Synaptics Incorporated. CX20921 Datasheet HTML 5Page - Synaptics Incorporated. CX20921 Datasheet HTML 6Page - Synaptics Incorporated. CX20921 Datasheet HTML 7Page - Synaptics Incorporated. CX20921 Datasheet HTML 8Page - Synaptics Incorporated. CX20921 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
03/11/15
Conexant Confidential • www.conexant.com
001DSR01
General Description
The CX20921 is a high-performance, far field voice input
processor System-on-Chip (SoC). The CX20921 is the
first product in this category with an integrated voice
trigger function that supports a low system power Wake-
on-Voice (WoV) function. The device includes 24-bit
microphone Analog-to-Digital Converters (ADCs), a
powerful dual core 32-bit hardware Digital Signal
Processor (DSP), and integrated power management.
Combined with Conexant’s AudioSmart™ far field voice
input processing software suite, including Smart Source
Pickup (SSP) noise suppression and full-duplex Acoustic
Echo Cancellation (AEC), the CX20921 is the ideal
turnkey solution for adding voice control, voice search,
and Voice over Internet Protocol (VoIP)/speakerphone
functionalities to SmartTV, Set-Top Box (STB), Smart
appliances, and automotive hands-free control and
communication systems.
The CX20921 device supports a microphone array with
up to two synchronized ADCs and programmable pre-
amplifiers. Each pre-amplifier is paired with a dedicated
bias supply to eliminate crosstalk. The entire input path
guarantees 106dB dynamic range, which maximizes
speech-to-noise ratio with low boost and prevents
microphone saturation.
Conexant's proprietary far field AudioSmart software
takes advantage of the built-in hardware to deliver a
superior voice interactive experience in the most
challenging room environments. The voice processing
chain also supports multi-thread processing streams,
which are independently optimized for voice
communication and automatic speech recognition.
When ADC and DSP are active in the Wake-on-Voice
(WoV) mode, the device consumes less than 70mW,
which is well below the 0.5W European Commission (EC)
1275/2008 requirement for standby power.
Applications
• Voice-controlled Smart TV/STB
• Smart Bluetooth/WiFi speaker
• Voice interactive smart appliance
• Internet of Things (IOT) devices
• Automotive hands-free control/communication
Features
• Low-power WoV mode with an embedded third-party
speech recognition engine
• Enables high-performance Automatic Speech
Recognition (ASR) and excellent voice clarity with only
two microphones through Conexant's AudioSmart
voice input processing software, which includes:
– SSP noise suppression
– Full-duplex AEC
• Compatible with multiple leading embedded and
server-based speech recognition vendors
• Dual far field, 24-bit, 106dB dynamic range ADCs with
microphone pre-amplification and independent
Microphone Bias (micbias) supply—enables low
microphone gain for far field signals without saturating
for loud near field signals
• Powerful, dual-core 32-bit DSP
• Multiple Integrated Interchip Sound (I2S) serial data
interfaces
• Inter-Integrated Circuit (I2C) serial control interface
• Serial Peripheral Interface (SPI) for low-cost flash
support
CX20921 Far Field Voice Input Processor SoC
AudioSmart Data Sheet


Similar Part No. - CX20921

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CX20 IQD-CX20 Datasheet
155Kb / 2P
Quartz Crystal Specification
logo
List of Unclassifed Man...
CX20014 ETC2-CX20014 Datasheet
2Mb / 31P
SEMICONDUCTORS
CX20014A ETC2-CX20014A Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Sony Corporation
CX20017 SONY-CX20017 Datasheet
119Kb / 1P
DUAL 16 BIT, 44Hz, MULTIPLEXED D/A
CX20023 SONY-CX20023 Datasheet
222Kb / 12P
CX20023/CXA1278N
More results

Similar Description - CX20921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VP-1000A ETC1-VP-1000A Datasheet
832Kb / 6P
Digital Voice Processor
VP-1608F ETC1-VP-1608F Datasheet
966Kb / 7P
Digital Voice Processor
VP-1410A ETC1-VP-1410A Datasheet
762Kb / 5P
Digital Voice Processor
logo
Zarlink Semiconductor I...
ZL38015 ZARLINK-ZL38015 Datasheet
133Kb / 3P
Voice Processor
logo
National Semiconductor ...
LMV1088 NSC-LMV1088 Datasheet
1Mb / 22P
Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
LMV1090 NSC-LMV1090 Datasheet
752Kb / 24P
Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1091 NSC-LMV1091 Datasheet
859Kb / 20P
Dual Input, Far Field Noise Suppression Microphone Amplifier
logo
Texas Instruments
LMV1090 TI1-LMV1090 Datasheet
857Kb / 25P
LMV1090 Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1091 TI1-LMV1091 Datasheet
805Kb / 22P
Dual Input, Far Field Noise Suppression Microphone Amplifier
logo
C-Media Electronics
CM7001 CMEDIA-CM7001 Datasheet
703Kb / 29P
Voice and Audio Processor SOC Powered By Xear Sound Technologies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com