Electronic Components Datasheet Search
  English  ▼

X  

ISP1581BD Datasheet(PDF) 42 Page - NXP Semiconductors

Part # ISP1581BD
Description  Universal Serial Bus 2.0 high-speed interface device
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1581BD Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button ISP1581BD Datasheet HTML 38Page - NXP Semiconductors ISP1581BD Datasheet HTML 39Page - NXP Semiconductors ISP1581BD Datasheet HTML 40Page - NXP Semiconductors ISP1581BD Datasheet HTML 41Page - NXP Semiconductors ISP1581BD Datasheet HTML 42Page - NXP Semiconductors ISP1581BD Datasheet HTML 43Page - NXP Semiconductors ISP1581BD Datasheet HTML 44Page - NXP Semiconductors ISP1581BD Datasheet HTML 45Page - NXP Semiconductors ISP1581BD Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Philips Semiconductors
ISP1581
USB 2.0 HS interface device
Objective specification
Rev. 02 — 23 October 2000
42 of 73
9397 750 07648
© Philips Electronics N.V. 2000. All rights reserved.
10. Limiting values
11. Static characteristics
[1]
In ‘suspend’ mode the minimum voltage is 3.0 V.
Table 70: Absolute maximum ratings
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min.
Max
Unit
VCC
supply voltage
−0.5
+6.0
V
VI
input voltage
−0.5
VCC + 0.5
V
Ilatchup
latchup current
VI < 0 or VI >VCC
-
200
mA
Vesd
electrostatic discharge voltage
ILI <15 µA
-
<tbd>
V
Tstg
storage temperature
−60
+150
°C
Ptot
total power dissipation
-
<tbd>
mW
Table 71: Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Max
Unit
VCC
supply voltage
with voltage converter
4.0
5.5
V
without voltage converter
3.0
3.6
V
VI
input voltage range
0
5.5
V
VI(AI/O)
input voltage on analog I/O pins
(D
+, D−)
0
3.6
V
VO(od)
open-drain output pull-up voltage
0
VCC
V
Tamb
operating ambient temperature
−40
+85
°C
Table 72: Static characteristics; supply pins
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
Vreg(3.3)
regulated supply voltage
with voltage converter
3.0 [1]
3.3
3.6
V
ICC
operating supply current
-
<tbd>
-
mA
ICC(susp)
suspend supply current
1.5 k
Ω pull-up on pin D+
-
-
<tbd>
µA
no pull-up on pin D
+
-
-
<tbd>
µA
Table 73: Static characteristics: digital pins
VCC = 4.0 to 5.5 V; VGND =0V; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
Input levels
VIL
LOW-level input voltage
-
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com