Electronic Components Datasheet Search
  English  ▼

X  

ISP1581BD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ISP1581BD
Description  Universal Serial Bus 2.0 high-speed interface device
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1581BD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ISP1581BD Datasheet HTML 17Page - NXP Semiconductors ISP1581BD Datasheet HTML 18Page - NXP Semiconductors ISP1581BD Datasheet HTML 19Page - NXP Semiconductors ISP1581BD Datasheet HTML 20Page - NXP Semiconductors ISP1581BD Datasheet HTML 21Page - NXP Semiconductors ISP1581BD Datasheet HTML 22Page - NXP Semiconductors ISP1581BD Datasheet HTML 23Page - NXP Semiconductors ISP1581BD Datasheet HTML 24Page - NXP Semiconductors ISP1581BD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Philips Semiconductors
ISP1581
USB 2.0 HS interface device
Objective specification
Rev. 02 — 23 October 2000
21 of 73
9397 750 07648
© Philips Electronics N.V. 2000. All rights reserved.
9.3.5
Endpoint MaxPacketSize register (address: 04H)
This register determines the maximum packet size for all endpoints except Control 0.
The register contains 2 bytes and the bit allocation is given in Table 22.
Each time the register is written, the Buffer Length registers of all endpoints are
re-initialized to the FFOSZ field value. The NTRANS bits control the number of
transactions allowed in a single micro-frame (for high-speed operation only).
Table 21: Buffer Length register: bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
DATACOUNT[15:8]
Reset
00H
Bus reset
00H
Access
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
DATACOUNT[7:0]
Reset
00H
Bus reset
00H
Access
R/W
Table 22: Endpoint MaxPacketSize register: bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
reserved
reserved
reserved
NTRANS[1:0]
FFOSZ[10:8]
Reset
0
0
0
00H
00H
Bus reset
0
0
0
00H
00H
Access
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
FFOSZ[7:0]
Reset
00H
Bus reset
00H
Access
R/W
Table 23: Endpoint MaxPacketSize register: bit description
Bit
Symbol
Description
15 to 13
reserved
reserved
12 to 11
NTRANS[1:0]
Number of Transactions (HS mode only):
0 — 1 packet per microframe
1 — 2 packets per microframe
2 — 3 packets per microframe
3 — reserved.
10 to 0
FFOSZ[10:0]
FIFO Size: Sets the FIFO size in bytes for the indexed endpoint.
Applies to both HS and FS operation.
Remark: A FIFO size of zero will disable the endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com