Electronic Components Datasheet Search
  English  ▼

X  

ISP1581BD Datasheet(PDF) 46 Page - NXP Semiconductors

Part # ISP1581BD
Description  Universal Serial Bus 2.0 high-speed interface device
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1581BD Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button ISP1581BD Datasheet HTML 42Page - NXP Semiconductors ISP1581BD Datasheet HTML 43Page - NXP Semiconductors ISP1581BD Datasheet HTML 44Page - NXP Semiconductors ISP1581BD Datasheet HTML 45Page - NXP Semiconductors ISP1581BD Datasheet HTML 46Page - NXP Semiconductors ISP1581BD Datasheet HTML 47Page - NXP Semiconductors ISP1581BD Datasheet HTML 48Page - NXP Semiconductors ISP1581BD Datasheet HTML 49Page - NXP Semiconductors ISP1581BD Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Philips Semiconductors
ISP1581
USB 2.0 HS interface device
Objective specification
Rev. 02 — 23 October 2000
46 of 73
9397 750 07648
© Philips Electronics N.V. 2000. All rights reserved.
12.1 High-speed signals
High-speed USB signals are characterized using eye patterns. For measuring the eye
patterns 4 test points have been defined (see Figure 6). The
Universal Serial Bus
Specification Rev. 2.0 defines the eye patterns in several ‘templates’. For ISP1581
Templates 1, 2, 3 and 4 are relevant.
TPERIOD is the bit duration corresponding with the USB data rate.
Fig 4.
Receiver differential data jitter.
MGR871
TPERIOD
tJR
differential
data lines
consecutive
transitions
N
× TPERIOD + tJR1
paired
transitions
N
× TPERIOD + tJR2
+3.3 V
0 V
tJR1
tJR2
Fig 5.
Receiver SE0 width tolerance.
MGR872
differential
data lines
+3.3 V
0 V
tFST
VIH(min)
Fig 6.
Eye pattern measurement planes.
MBL205
transceiver
hub circuit board
A
connector
traces
TP1
TP2
USB cable
transceiver
device circuit board
B
connector
traces
TP3
TP4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com