Electronic Components Datasheet Search
  English  ▼

X  

ISP1581BD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1581BD
Description  Universal Serial Bus 2.0 high-speed interface device
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1581BD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1581BD Datasheet HTML 9Page - NXP Semiconductors ISP1581BD Datasheet HTML 10Page - NXP Semiconductors ISP1581BD Datasheet HTML 11Page - NXP Semiconductors ISP1581BD Datasheet HTML 12Page - NXP Semiconductors ISP1581BD Datasheet HTML 13Page - NXP Semiconductors ISP1581BD Datasheet HTML 14Page - NXP Semiconductors ISP1581BD Datasheet HTML 15Page - NXP Semiconductors ISP1581BD Datasheet HTML 16Page - NXP Semiconductors ISP1581BD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
Philips Semiconductors
ISP1581
USB 2.0 HS interface device
Objective specification
Rev. 02 — 23 October 2000
13 of 73
9397 750 07648
© Philips Electronics N.V. 2000. All rights reserved.
9.1 Register access
Register access depends on the bus width used:
• 8-bit bus: multi-byte registers are accessed lower byte (LSB) first.
• 16-bit bus: for single-byte registers the upper byte (MSB) must be ignored.
Endpoint specific registers are indexed via the Endpoint Index register. The target
endpoint must be selected first, before accessing the following registers:
• Buffer Length
• Control Function
• Data Port
• Endpoint MaxPacketsize
• Endpoint Type
• Short Packet.
9.2 Initialization registers
9.2.1
Address register (address: 00H)
This register is used to set the USB assigned address and enable the USB device.
Table 5 shows the Address register bit allocation.
The DEVEN and DEVADDR bits will be cleared whenever a bus reset, a power-on
reset or a soft reset occurs.
In response to the standard USB request SET_ADDRESS, the firmware must write
the (enabled) device address to the Address register, followed by sending an empty
packet to the host. The new device address is activated when the host acknowledges
the empty packet.
Table 5:
Address register: bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
DEVEN
DEVADDR[6:0]
Reset
0
00H
Bus reset
0
00H
Access
R/W
R/W
Table 6:
Endpoint Configuration register: bit description
Bit
Symbol
Description
7
DEVEN
A logic 1 enables the device.
6 to 0
DEVADDR[6:0]
This field specifies the USB device address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com