Electronic Components Datasheet Search
  English  ▼

X  

ISP1581BD Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ISP1581BD
Description  Universal Serial Bus 2.0 high-speed interface device
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1581BD Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ISP1581BD Datasheet HTML 14Page - NXP Semiconductors ISP1581BD Datasheet HTML 15Page - NXP Semiconductors ISP1581BD Datasheet HTML 16Page - NXP Semiconductors ISP1581BD Datasheet HTML 17Page - NXP Semiconductors ISP1581BD Datasheet HTML 18Page - NXP Semiconductors ISP1581BD Datasheet HTML 19Page - NXP Semiconductors ISP1581BD Datasheet HTML 20Page - NXP Semiconductors ISP1581BD Datasheet HTML 21Page - NXP Semiconductors ISP1581BD Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Philips Semiconductors
ISP1581
USB 2.0 HS interface device
Objective specification
Rev. 02 — 23 October 2000
18 of 73
9397 750 07648
© Philips Electronics N.V. 2000. All rights reserved.
9.3 Data flow registers
9.3.1
Endpoint Index register (address: 2CH)
The Endpoint Index register selects a target endpoint for register access by the
microcontroller. The register consists of 1 byte and the bit allocation is shown in
Table 14. The following registers are indexed:
• Endpoint MaxPacketsize
• Endpoint Type
• Buffer Length
• Data Port
• Short Packet
• Control Function.
For example, to access the OUT data buffer of endpoint 1 via the Data Port register,
the Endpoint Index register has to be written first with 02H.
Table 14: Endpoint Index register: bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
reserved
EP0SETUP
ENDPIDX[3:0]
DIR
Reset
0
0
0
00H
0
Bus reset
0
0
0
00H
0
Access
R/W
R/W
R/W
R/W
R/W
Table 15: Endpoint Index register: bit description
Bit
Symbol
Description
7 to 6
-
reserved
5
EP0SETUP
Selects the SETUP buffer for Endpoint 0:
0 — EP0 data buffer
1 — SETUP buffer.
Must be logic 0 for access to other endpoints than Endpoint 0.
4 to 1
ENDPIDX[3:0] Endpoint Index: Selects the target endpoint for register access
of Buffer Length, Control Function, Data Port, Endpoint Type,
MaxPacketSize and Short Packet.
0
DIR
Direction bit: Sets the target endpoint as IN or OUT endpoint:
0 — target endpoint refers to OUT (RX) FIFO
1 — target endpoint refers to IN (TX) FIFO.
Table 16: Addressing of Endpoint 0 buffers
Buffer name
EP0SETUP
ENDPIDX
DIR
SETUP
1
00H
0
Data OUT
0
00H
0
Data IN
0
00H
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com