Electronic Components Datasheet Search
  English  ▼

X  

ISP1581BD Datasheet(PDF) 39 Page - NXP Semiconductors

Part # ISP1581BD
Description  Universal Serial Bus 2.0 high-speed interface device
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1581BD Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button ISP1581BD Datasheet HTML 35Page - NXP Semiconductors ISP1581BD Datasheet HTML 36Page - NXP Semiconductors ISP1581BD Datasheet HTML 37Page - NXP Semiconductors ISP1581BD Datasheet HTML 38Page - NXP Semiconductors ISP1581BD Datasheet HTML 39Page - NXP Semiconductors ISP1581BD Datasheet HTML 40Page - NXP Semiconductors ISP1581BD Datasheet HTML 41Page - NXP Semiconductors ISP1581BD Datasheet HTML 42Page - NXP Semiconductors ISP1581BD Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
Philips Semiconductors
ISP1581
USB 2.0 HS interface device
Objective specification
Rev. 02 — 23 October 2000
39 of 73
9397 750 07648
© Philips Electronics N.V. 2000. All rights reserved.
9.5.3
Frame Number register (address: 74H)
This read-only register contains the frame number of the last successfully received
Start Of Frame (SOF). The register contains 2 bytes and the bit allocation is given in
Table 62. In case of 8-bit access the register content is returned lower byte first.
Table 60: Chip ID register: bit allocation
Bit
23
22
21
20
19
18
17
16
Symbol
VERSION[7:0]
Reset
01H
Bus reset
01H
Access
R
Bit
15
14
13
12
11
10
9
8
Symbol
CHIPID[15:8]
Reset
15H
Bus reset
15H
Access
R
Bit
7
6
5
4
3
2
1
0
Symbol
CHIPID[7:0]
Reset
81H
Bus reset
81H
Access
R
Table 61: Chip ID Register: bit description
Bit
Symbol
Description
23 to 16
VERSION
Version number (01H). The version number will be incremented
in case of a silicon revision with improved performance and
functionality.
15 to 8
CHIPID[15:8]
Chip ID: upper byte (15H)
7 to 0
CHIPID[7:0]
Chip ID: lower byte (81H)
Table 62: Frame Number register: bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
reserved
reserved
MICROSOF[2:0]
SOFR[10:8]
Power Reset
0
0
00H
00H
Bus Reset
0
0
00H
00H
Access
RR
R
R
Bit
7
6
5
4
3
2
1
0
Symbol
SOFR[7:0]
Power Reset
00H
Bus Reset
00H
Access
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com