Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9861 Datasheet HTML 13Page - Analog Devices AD9861 Datasheet HTML 14Page - Analog Devices AD9861 Datasheet HTML 15Page - Analog Devices AD9861 Datasheet HTML 16Page - Analog Devices AD9861 Datasheet HTML 17Page - Analog Devices AD9861 Datasheet HTML 18Page - Analog Devices AD9861 Datasheet HTML 19Page - Analog Devices AD9861 Datasheet HTML 20Page - Analog Devices AD9861 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
AD9861
Rev. 0 | Page 17 of 52
010
15
20
5
–100
–90
–80
–70
–60
–50
25
OUTPUT FREQUENCY (MHz)
Figure 46. AD9861 Tx Path THD vs. Output Frequency of Tx Path with
20 mA Full-Scale Output into 60 Ω Differential Load
010
15
20
5
56
57
58
59
60
61
62
25
OUTPUT FREQUENCY (MHz)
Figure 47. AD9861 Tx Path SINAD vs. Output Frequency of Tx Path, with
20 mA Full-Scale Output into 60 Ω Differential Load
010
15
20
5
–95
–70
–75
–80
–85
–90
25
OUTPUT FREQUENCY (MHz)
Figure 48. AD9861 Tx Path Dual-Tone (0.5 MHz Spacing) IMD vs.
Output Frequency of Tx Path, with
20 mA Full-Scale Output into 60 Ω Differential Load
010
15
20
5
–100
–50
–60
–70
–80
–90
25
OUTPUT FREQUENCY (MHz)
Figure 49. AD9861 Tx Path THD vs. Output Frequency of Tx Path
with 2 mA Full-Scale Output into 600 Ω Differential Load
010
15
20
5
56
57
58
59
60
61
62
25
OUTPUT FREQUENCY (MHz)
Figure 50. AD9861 Tx Path SINAD vs. Output Frequency of Tx Path, with
2 mA Full-Scale Output into 600 Ω Differential Load
010
15
20
5
–95
–70
–75
–80
–85
–90
25
OUTPUT FREQUENCY (MHz)
Figure 51. AD9861 Tx Path Dual-Tone (0.5 MHz Spacing) IMD vs.
Output Frequency of Tx Path, with
2 mA Full-Scale Output into 600 Ω Differential Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com