Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 3 Page - Analog Devices

  AD9861 Datasheet HTML 1Page - Analog Devices AD9861 Datasheet HTML 2Page - Analog Devices AD9861 Datasheet HTML 3Page - Analog Devices AD9861 Datasheet HTML 4Page - Analog Devices AD9861 Datasheet HTML 5Page - Analog Devices AD9861 Datasheet HTML 6Page - Analog Devices AD9861 Datasheet HTML 7Page - Analog Devices AD9861 Datasheet HTML 8Page - Analog Devices AD9861 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
AD9861
Rev. 0 | Page 3 of 52
Tx PATH SPECIFICATIONS
Table 1. AD9861-50 and AD9861-80
FDAC = 200 MSPS; 4× interpolation; RSET = 4.02 kΩ; differential load resistance of 100 Ω1; TxPGA = 20 dB, AVDD = DVDD = 3.3 V,
unless otherwise noted
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Tx PATH GENERAL
Resolution
Full
IV
10
Bits
Maximum DAC Update Rate
Full
IV
200
MHz
Maximum Full-Scale Output Current
Full
IV
20
mA
Full-Scale Error
Full
V
1%
Gain Mismatch Error
25°C
IV
–3.5
+3.5
% FS
Offset Mismatch Error
Full
IV
–0.1
+0.1
% FS
Reference Voltage
Full
V
1.23
V
Output Capacitance
Full
V
5
pF
Phase Noise (1 kHz Offset, 6 MHz Tone)
25°C
V
–115
dBc/Hz
Output Voltage Compliance Range
Full
IV
–1.0
+1.0
V
TxPGA Gain Range
Full
V
20
dB
TxPGA Step Size
Full
V
0.10
dB
Tx PATH DYNAMIC PERFORMANCE
(IOUTFS = 20 mA; FOUT = 1 MHz)
SNR
Full
IV
60.2
60.8
dB
SINAD
Full
IV
59.7
60.7
dB
THD
Full
IV
−77.5
−65.8
dBc
SFDR, Wideband (DC to Nyquist)
Full
IV
64.6
76.0
dBc
SFDR, Narrowband (1 MHz Window)
Full
IV
72.5
81.0
dBc
1 See Figure 2 for description of the TxDAC termination scheme.
03606-0-030
TxDAC
50
Ω
50
Ω
Figure 2. Diagram Showing Termination of 100 Ω Differential
Load for Some TxDAC Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com