Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9861 Datasheet HTML 16Page - Analog Devices AD9861 Datasheet HTML 17Page - Analog Devices AD9861 Datasheet HTML 18Page - Analog Devices AD9861 Datasheet HTML 19Page - Analog Devices AD9861 Datasheet HTML 20Page - Analog Devices AD9861 Datasheet HTML 21Page - Analog Devices AD9861 Datasheet HTML 22Page - Analog Devices AD9861 Datasheet HTML 23Page - Analog Devices AD9861 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
AD9861
Rev. 0 | Page 20 of 52
Figure 64 to Figure 69 use the same input data to the Tx path, a 256-carrier OFDM signal over a 23 MHz bandwidth, centered at 23 MHz.
The center four carriers are removed from the signal to observe the in-band intermodulation distortion (IMD) from the DAC output.
9
1419
2429
34
–130
–140
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
Figure 64. AD9861 Tx Path FFT, 256-Carrier (Center Four Carriers Removed)
OFDM Signal over 23 MHz Bandwidth, Centered at 7 MHz, with
20 mA Full-Scale Output into 60 Ω Differential Load
10.5
10.7
10.9
11.1
11.3
11.5
11.7
11.9
12.1
12.3
12.5
–130
–140
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
Figure 65. AD9861 Tx Path FFT, Lower-Band IMD Products of
OFDM Signal in Figure 64
0
10
203040
506070
8090
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
FREQUENCY (MHz)
Figure 66. AD9861 Tx Path FFT of OFDM Signal in Figure 52
with 1× Interpolation
22.6
22.7
22.8
22.9
23.0
23.1
23.2
23.3
23.4
–130
–140
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
Figure 67. AD9861 Tx Path FFT, In-Band IMD Products of
OFDM Signal in Figure 64
33.5
33.7
33.9
34.1
34.3
34.5
34.7
34.9
35.1
35.3
35.5
–130
–140
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
Figure 68. AD9861 Tx Path FFT, Upper-Band IMD Products of
OFDM Signal in Figure 64
0
10
203040
506070
8090
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
FREQUENCY (MHz)
Figure 69. AD9861 Tx Path FFT of OFDM Signal in Figure 52
with 4× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com