Electronic Components Datasheet Search
  English  ▼

X  

MAX42410 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX42410
Description  36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX42410 Datasheet(HTML) 1 Page - Analog Devices

  MAX42410 Datasheet HTML 1Page - Analog Devices MAX42410 Datasheet HTML 2Page - Analog Devices MAX42410 Datasheet HTML 3Page - Analog Devices MAX42410 Datasheet HTML 4Page - Analog Devices MAX42410 Datasheet HTML 5Page - Analog Devices MAX42410 Datasheet HTML 6Page - Analog Devices MAX42410 Datasheet HTML 7Page - Analog Devices MAX42410 Datasheet HTML 8Page - Analog Devices MAX42410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
36V, 8A/10A Fully Integrated Buck Converter
with 10μA Quiescent Current and Dual-Phase
Capability
MAX42408/MAX42410
19-101749; Rev 0; 11/23
© 2023 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
General Description
The
MAX42408/MAX42410
are
highly-integrated
synchronous buck converters with internal high-side and
low-side switches. The ICs deliver up to 8A/10A with
input voltage from 4.5V to 36V. The voltage quality can
be
monitored
by
the
PGOOD
signal.
The
MAX42408/MAX42410 can operate in the dropout mode
by running at 99% duty cycle, which make them ideal for
industrial applications.
The MAX42408/MAX42410 offer programmable output-
voltage options. High switching frequency at 1.5MHz
and 400kHz options allow for small external components
and reduced output ripple. SYNC input programmability
enables three modes for optimized performance: forced
PWM mode, skip mode with ultra-low quiescent current,
and synchronization to an external clock.
The MAX42408/MAX42410 also come with dual-phase
capability, which allows up to 20A designs. Two ICs can
be configured as a controller and target with dynamic
current sharing and 180º out-of-phase operation.
The MAX42408/MAX42410 are available in a small
3.5mm x 3.75mm, 17-pin FC2QFN package. They are
pin-to-pin compatible with the MAX42405/MAX42406
(5A to 6A) family of products.
Applications
• Point-of-Load
• Industrial Automation
• Distributed DC Power Systems
Benefits and Features
• High-Power DC/DC Converter in Small Solution Size
• Operating VIN range of 4.5V to 36V
• Synchronous DC-DC Converter with Integrated
FETs
• 8A/10A Maximum Output Current
• 400kHz and 1.5MHz Fixed Frequency Options
• Fixed Soft-Start Time
- 2.5ms for 400kHz
- 3.5ms for 1.5MHz
• 34ns Minimum On-Time
• Programmable Output Voltage
- 0.8V to 10V for 400kHz
- 0.8V to 6V for 1.5MHz
• Symmetric and Balanced SUP and PGND Pinout
Placement for Better EMI Performance
• Thermally-Enhanced 3.5mm x 3.75mm, 17-Pin
FC2QFN Package
• High Efficiency at All Load Ranges
• 10μA Quiescent Current in Skip Mode
• Up to 95.6% Eff. at 12VIN/3.3VOUT/400kHz
• Up to 93.9% Eff. at 12VIN/3.3VOUT/1.5MHz
• Dual-Phase Operation up to 20A Load Capability
• Frequency Synchronization Input/Output
• 180º Out-of-Phase Between Controller and
Target
• Dynamic Current Sharing
• Forced PWM and Skip-Mode Operation
• 99% Duty Cycle Operation with Low Dropout Voltage
• Power Good Indicator
• Overtemperature and Short-Circuit Protection
• -40°C to +125°C Temperature Range
• Scalable Power Solution
• Footprint Compatible with MAX42405/MAX42406
Ordering Information appears at end of data sheet.


Similar Part No. - MAX42410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4241 MAXIM-MAX4241 Datasheet
174Kb / 16P
Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
MAX4241ESA MAXIM-MAX4241ESA Datasheet
174Kb / 16P
Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
MAX4241EUA MAXIM-MAX4241EUA Datasheet
174Kb / 16P
Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
More results

Similar Description - MAX42410

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC198 SEMTECH-SC198 Datasheet
406Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
SC198A SEMTECH-SC198A Datasheet
352Kb / 15P
Dual DC-DC Buck Converter with High Current Capability
SC198 SEMTECH-SC198_07 Datasheet
404Kb / 16P
Dual DC-DC Buck Converter with High Current Capability
logo
Maxim Integrated Produc...
MAX16930 MAXIM-MAX16930 Datasheet
1Mb / 29P
2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Rev 1; 7/13
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
MAX17230 MAXIM-MAX17230 Datasheet
1Mb / 29P
2V–36V, Synchronous Dual Buck Controller with Integrated Boost and 20μA Quiescent Current
MAX20034 MAXIM-MAX20034 Datasheet
2Mb / 24P
Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20408 MAXIM-MAX20408 Datasheet
1Mb / 25P
Automotive 36V, 8A/10A Fully-Integrated Buck
2021
logo
Analog Devices
MAX25254 AD-MAX25254 Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com