Electronic Components Datasheet Search
  English  ▼

X  

MAX42410 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX42410
Description  36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX42410 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX42410 Datasheet HTML 7Page - Analog Devices MAX42410 Datasheet HTML 8Page - Analog Devices MAX42410 Datasheet HTML 9Page - Analog Devices MAX42410 Datasheet HTML 10Page - Analog Devices MAX42410 Datasheet HTML 11Page - Analog Devices MAX42410 Datasheet HTML 12Page - Analog Devices MAX42410 Datasheet HTML 13Page - Analog Devices MAX42410 Datasheet HTML 14Page - Analog Devices MAX42410 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MAX42408/MAX42410
36V, 8A/10A Fully Integrated Buck Converter
with 10μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 11
Thermal Shutdown Protection
Thermal shutdown protection limits total power dissipation in the ICs. When the junction temperature exceeds +175°C,
an internal sensor shuts down the ICs, which allows them to cool. The thermal sensor turns on the ICs again after the
junction temperature cools by 20°C.
Dual-Phase Operation
Two MAX42408/MAX42410s can be configured in dual-phase to provide higher output current up to 20A. To operate in
dual-phase, one IC is programmed as a target by connecting its SYNCOUT to BIAS, and the other IC is treated as a
controller. The SYNCOUT of the controller is connected to the SYNC of the target to have both ICs switch in 180° out-of-
phase. Therefore, with present SYNCOUT signal from the controller, FPWM is recommended for dual-phase operation.
The VEA nodes of the controller and target are connected together to ensure balanced current sharing between two
phases. Also, by doing this, the controller's voltage control loop is shared with the target. Instead of connecting FB nodes
together, use separate resistor-dividers for each phase.
To set the output voltage to value, connect a resistor-divider between the buck output, FB, and GND as shown in Figure
1. Use an identical but separate resistor-divider for controller and target.
RFB1
CONTROLLER
TARGET
OUT
OUT
BIAS
BIAS
2.2µF
2.2µF
RFB1
RFB2
RFB2
Figure 1. Typical Application Circuit for Dual-Phase Configuration with External Resistor-Divider
Low-IQ Operation in Dual-Phase
The MAX42408/MAX42410 come with dual-phase capability, where each IC can be either configured as controller or
target. The SYNCOUT pin of the controller outputs 180° out-of-phase clock when SYNC is tied high (FPWM mode). For
low-IQ mode, pull the SYNC pin of the controller low (skip-mode). In this mode, there is no clock present on the SYNCOUT
pin of the controller, and the controller IC enters the skip-mode. The internal circuit of the target IC remains ON during
this time and actively looks for the SYNCOUT signal from the controller. As the target IC is ON, the quiescent current is
slightly higher, even though both the ICs skip pulses.
To improve the light-load efficiency and further reduce the IQ, pull the target EN low. This disables the target and its
internal circuits, which further reduces the IQ. Table 1 summarizes the truth table for low-IQ operation.
Table 1. Configurations for Low-IQ Operation
CONTROLLER
TARGET
MODE
EN = High, SYNC = BIAS
EN = High
FPWM (high IQ)
EN = High, SYNC = Low
EN = High
Skip-mode (low IQ)
EN = High, SYNC = Low
EN = Low
Standby-mode (ultra-low IQ)
EN = Low
EN = High
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com