Electronic Components Datasheet Search
  English  ▼

X  

MAX42410 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX42410
Description  36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX42410 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX42410 Datasheet HTML 9Page - Analog Devices MAX42410 Datasheet HTML 10Page - Analog Devices MAX42410 Datasheet HTML 11Page - Analog Devices MAX42410 Datasheet HTML 12Page - Analog Devices MAX42410 Datasheet HTML 13Page - Analog Devices MAX42410 Datasheet HTML 14Page - Analog Devices MAX42410 Datasheet HTML 15Page - Analog Devices MAX42410 Datasheet HTML 16Page - Analog Devices MAX42410 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MAX42408/MAX42410
36V, 8A/10A Fully Integrated Buck Converter
with 10μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 13
ESRIN =
∆VESR
ILOAD(MAX) +
∆IL
2
⁄
CIN =
ILOAD(MAX) × D (1 − D)
∆VQ × fSW
Where:
∆IL =
(
VSUP − VOUT) × VOUT
VSUP × fSW × L
D =
VOUT
VSUP
and ILOAD(MAX) is the maximum output current, ΔIL is peak-to-peak inductor current, fSW is switching frequency, and
D is the duty cycle.
Selecting the Inductor
Inductor selection is a compromise between component size, efficiency, control loop bandwidth, and loop stability.
Insufficient inductance increases the inductor current ripple, conduction losses, and output voltage ripple, and causes
loop instability in the worst case. A large inductor reduces the inductor current ripple by sacrificing component size and
slow response. For recommended inductor values, see Table 2.
Output Capacitor
The output capacitor is a critical component for switching regulators. It is selected to meet output voltage ripple, load
transient response, and loop stability requirements.
The output voltage ripple comprises ΔVQ (caused by the capacitor discharge) and ΔVESR (caused by the ESR of the
output capacitor). Use low ESR ceramic capacitors. Assume the contribution to the output ripple voltage from ESR and
the capacitor discharge to be equal. Use the following equations to get the output capacitance and ESR for a specified
output voltage ripple.
ESR =
∆VESR
∆IP-P
COUT =
∆IP-P
8 × ∆VQ × fSW
∆IP-P =
(
VSUP − VOUT) × VOUT
VSUP × fSW × L
VOUTRIPPLE = ∆VESR + ∆VQ
Where, ΔIP-P is the peak-to-peak inductor current, and fSW is the switching frequency.
During a load step, the output capacitors supply the load current before the converter loop responses with higher duty
cycle, which causes output voltage undershoot. To keep the maximum output voltage deviations below the tolerable limits
of the electronics being powered, calculate the output capacitance with the following equation:
COUT =
∆ILOAD
∆V × 2π × fC
Where, ΔI is the load step, ΔV is the allowed output voltage undershoot, and fC is the loop crossover frequency, which
can be assumed to be the lesser of fSW/10 or 100kHz. The calculated COUT is the capacitance after considering
capacitance tolerance, temperature effect, and voltage derating. Table 2 shows the recommended values of output
capacitance based on frequency and output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com