Electronic Components Datasheet Search
  English  ▼

X  

MAX42410 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX42410
Description  36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX42410 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX42410 Datasheet HTML 8Page - Analog Devices MAX42410 Datasheet HTML 9Page - Analog Devices MAX42410 Datasheet HTML 10Page - Analog Devices MAX42410 Datasheet HTML 11Page - Analog Devices MAX42410 Datasheet HTML 12Page - Analog Devices MAX42410 Datasheet HTML 13Page - Analog Devices MAX42410 Datasheet HTML 14Page - Analog Devices MAX42410 Datasheet HTML 15Page - Analog Devices MAX42410 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MAX42408/MAX42410
36V, 8A/10A Fully Integrated Buck Converter
with 10μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 12
Applications Information
Setting the Output Voltage
To externally program the output voltage between 0.8V and 10V for 400kHz switching frequency, and between 0.8V and
6V for 1.5MHz switching frequency, connect a resistor-divider from the buck converter output to FB, and then to GND.
Select RFB2 between FB and GND in Typical Application Circuits less than 20kΩ. Calculate RFB1 between buck output
and FB with the following equation:
RFB1 = RFB2 × (
VOUT
VFB
− 1)
Where, VFB = 0.8V, and RFB2 is less than 20 kΩ.
Table 2 provides components selection recommendation for each output range (CFF is recommended based on RFB2 =
10 kΩ).
Table 2. Recommended Component Selection
SWITCHING FREQUENCY
(kHz)
VOUT (V)
INDUCTOR
(µH)
OUTPUT CAPACITOR (µF)
CFF (pF)
400
0.8 to 1.8
0.68
500
N/A
400
1.8 to 3.3
1
220
N/A
400
3.3 to 5
2.2
120
82pF
400
5 to 7
2.2
88
56pF
400
7 to 10
3.3
66
47pF
1500
0.8 to 1.8
0.38
88
N/A
1500
1.8 to 3.3
0.47
88
N/A
1500
3.3 to 5
0.68
66
47pF
1500
5 to 6
0.68
44
15pF
Input Capacitor
The input capacitors reduce peak current drawn from the power source, and improve noise and voltage ripple on the SUP
nodes caused by the buck converter switching cycles. Use two ceramic input capacitors with 0.1μF and 4.7μF capacitance
in parallel at each side of the IC for proper buck operation.
Place a 0.1μF ceramic capacitor with 0402 or 0603 size next to SUP and PGND at each side of the IC to reduce input
noise and improve EMI performance. A 4.7μF ceramic capacitor after 0.1μF capacitor is required on each input side to
reduce input voltage ripple. Additional buck capacitor might be required if high impedance exists in the input supply or
traces.
The input capacitor RMS current requirement (IRMS) is defined by the following equation:
IRMS = ILOAD(MAX) × (
√VOUT × (VSUP − VOUT )
VSUP
)
IRMS has a maximum value when the input voltage equals twice the output voltage:
VSUP = 2 × VOUT
Therefore:
IRMS =
ILOAD(MAX)
2
Choose an input capacitor that exhibits less than +10°C self-heating temperature rise at the RMS input current for optimal
long-term reliability. The input-voltage ripple comprises ΔVQ (caused by the capacitor discharge) and ΔVESR (caused by
the ESR of the capacitor). Assume the contribution from the ESR and capacitor discharge equal to 50%. Calculate the
input capacitance and ESR required for a specified input voltage ripple using the following equations:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com