Electronic Components Datasheet Search
  English  ▼

X  

MAX42410 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX42410
Description  36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX42410 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX42410 Datasheet HTML 6Page - Analog Devices MAX42410 Datasheet HTML 7Page - Analog Devices MAX42410 Datasheet HTML 8Page - Analog Devices MAX42410 Datasheet HTML 9Page - Analog Devices MAX42410 Datasheet HTML 10Page - Analog Devices MAX42410 Datasheet HTML 11Page - Analog Devices MAX42410 Datasheet HTML 12Page - Analog Devices MAX42410 Datasheet HTML 13Page - Analog Devices MAX42410 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MAX42408/MAX42410
36V, 8A/10A Fully Integrated Buck Converter
with 10μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 10
Detailed Description
The MAX42408/MAX42410 are small, synchronous buck converters with integrated high-side and low-side switches. The
ICs are designed to deliver up to 8A/10A current with input voltages from 4.5V to 36V while using only 10μA quiescent
current at no load condition. Voltage quality can be monitored by the PGOOD signal. The ICs can operate in dropout by
running at 99% duty cycle, which makes them ideal for industrial applications.
The MAX42408/MAX42410 offer adjustable output voltage programmed by an external resistor-divider. Frequency is
internally fixed with 1.5MHz and 400kHz options, which allow for small external components and reduced output ripple.
The signal at SYNC programs the ICs in skip enable, forced pulse-width modulation (FPWM), or when synchronizing to
the external clock. Average current-mode control with 34ns minimum ON time allows for large input/output step-down
ratios without skipping cycles.
The MAX42408/MAX42410 can also be configured in dual-phase to supply up to 20A load. The average current-mode
control provides noise immunity and accurate dynamic current sharing during transients.
The FC2QFN package lowers the package parasitic impedance and improves the thermal performance. Symmetrical
pinout placement of SUP and PGND provides balanced current loop around the ICs and further improves their EMI
performance.
Linear Regulator Output (BIAS)
The devices include a 1.8V linear regulator (VBIAS) that provide power to the internal circuit blocks. Connect a 2.2μF
ceramic capacitor from BIAS to GND. During startup, the bias regulator draws power from the input and switches over to
the output after the startup is completed (if VOUT > 2.5V).
Synchronization Input (SYNC)
The MAX42408/MAX42410 provide an internal oscillator with 400kHz and 1.5MHz options. Drive SYNC high for FPWM
operation with 400kHz or 1.5MHz switching frequency. Drive SYNC low to enable skip-mode for better efficiency
improvement at light load. The ICs can be synchronized to the external clock with a valid external clock present at SYNC.
Enable Input (EN)
An Enable Input (EN) enables the ICs from shutdown mode. Drive EN high to enable the ICs. Drive EN low to disable the
ICs into shutdown mode. The quiescent current is reduced to 4μA (typ) during shutdown.
Soft-Start
Drive EN high to enable the ICs. The soft-start circuitry gradually ramps up the reference voltage during soft-start time
(2.5ms at 400kHz or 3.5ms at 1.5MHz, typ) to reduce the input inrush currents during startup.
Short-Circuit Protection
The ICs feature a cycle-by-cycle current limit and hiccup-mode to protect against short-circuit or overload condition. In
overload conditions, the high-side FET remains on until the inductor current reaches the current limit threshold, ILIM. Then
the converter turns off the high-side FET and turns on the low-side FET to allow the inductor current to ramp down. Once
the inductor current decreases to the valley current limit, the converter turns on the high-side FET again. This cycle
repeats until the overload condition is removed.
A short-circuit is detected when the output voltage falls below the preset threshold voltage while the inductor current hits
the current limit. The threshold voltage is 25% of output regulation voltage. During hiccup-mode, the ICs turn off the buck
converter for 35ms (10x soft-start time, fSW = 1.5MHz), and then restart it if the overcurrent or short-circuit condition is
removed. The hiccup repeats when the short-circuit is continuously present.
Power Good Indicator (PGOOD)
The ICs feature an open-drain Power Good (PGOOD) output to indicate the output voltage status. The PGOOD goes low
to high impedance when the converter output voltage rises above 94% (typ) of its nominal regulation voltage. The PGOOD
goes low when the output voltage drops below 93% (typ) of the nominal regulation voltage. Connect PGOOD to the
converter output or BIAS voltage through a pull-up resistor The PGOOD asserts low during soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com