Electronic Components Datasheet Search
  English  ▼

X  

MAX42410 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX42410
Description  36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX42410 Datasheet(HTML) 2 Page - Analog Devices

  MAX42410 Datasheet HTML 1Page - Analog Devices MAX42410 Datasheet HTML 2Page - Analog Devices MAX42410 Datasheet HTML 3Page - Analog Devices MAX42410 Datasheet HTML 4Page - Analog Devices MAX42410 Datasheet HTML 5Page - Analog Devices MAX42410 Datasheet HTML 6Page - Analog Devices MAX42410 Datasheet HTML 7Page - Analog Devices MAX42410 Datasheet HTML 8Page - Analog Devices MAX42410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MAX42408/MAX42410
36V, 8A/10A Fully Integrated Buck Converter
with 10μA Quiescent Current and Dual-Phase
Capability
www.analog.com
Analog Devices | 2
Simplified Block Diagram
PGOOD THRESHOLD
PGOOD COMP
PGOOD
FB
INTERNAL
SOFT-START
REF = 0.8V
AVERAGE
CURRENT
SENSE
SIGNAL
SLOPE COMP
LOGIC
OSCILLATOR
CLK
ILIM THRESHOLD
PWM
EXTERNAL CLOCK
TIED HI (PWM MODE)
TIED LO (SKIP MODE)
FSYNC
SELECT
LOGIC
SYNC
GND
ZX COMP
EN
PWM
CLK
LX
ZX
BIAS
INTERNAL
LINEAR
REGULATOR
STEP DOWN DC-DC
GATE CONTROL LOGIC
EN
BIAS
BIAS
BST
LX
PGND
BIAS
MAX42408
MAX42410
SWITCHOVER
OUT
SYNCOUT
VEA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com