Electronic Components Datasheet Search
  English  ▼

X  

EL8 Datasheet(PDF) 21 Page - Leadshine Technology Co., Ltd.

Part # EL8
Description  EL8-EC Series AC Servo Drives - 220V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL8 Datasheet(HTML) 21 Page - Leadshine Technology Co., Ltd.

Back Button EL8 Datasheet HTML 15Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 16Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 17Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 18Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 19Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 20Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 21Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 22Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 23Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Datasheet of EL8 Series
www.leadshine.com
21
Motor power cable with holding brake
Aviation connector(Frame size 80 or below)CABLE-RZSH*M*-113-TS Winding cable
with holding brake
Motor side
Driver side
Motor cable pin
Pins
Motor side
Motor
Color
Driver
1
Blue
U
2
Red
W
3
Black
V
4
Yellow-
green
PE
5
Black
0V
6
Red
24V
Direct connector CABLE-RZH*M*-114-TS Winding cable with holding brake
Motor side
Driver side
Motor cable pin
Pin
Motor
Color
Driver
1
Blue
U
2
Black
V
3
Red
W
4
Yellow-
green
PE
A
Black
0V
B
Red
24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com