Electronic Components Datasheet Search
  English  ▼

X  

EL8 Datasheet(PDF) 12 Page - Leadshine Technology Co., Ltd.

Part # EL8
Description  EL8-EC Series AC Servo Drives - 220V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL8 Datasheet(HTML) 12 Page - Leadshine Technology Co., Ltd.

Back Button EL8 Datasheet HTML 8Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 9Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 10Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 11Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 12Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 13Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 14Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 15Page - Leadshine Technology Co., Ltd. EL8 Datasheet HTML 16Page - Leadshine Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Datasheet of EL8 Series
www.leadshine.com
12
Servo Drive Features
Model Name Structure
EL8 RS - 400 F - �
AA
○
1
EE
AA
○
2
EE
AA
○
3
EE
AA
○
4
EE
AA
○
5
EE
No.
Description
① SeriesNo. EL8:EL8ACServoDriveSeries
② Communication
protocol
RS :Pulse train + RS485 + Analogue
EC:EtherCAT
③ PowerRating 400:400W 750:750W
1000:1000W 1500:1500W 2000: 2000W
④ Type
F: Full functions
⑤ Extra(customized) Blank:Standard
Auto
gain
adjustment
Measure real time
mechanical stiffness
and set gain values
automatically.
Easy servo
tuning
Single
Parameter
Tuning / One-Click
Tuning available for
uncomplicated
setup operations
Zero
tracking control
Vibration
Suppression
Full closed
loop control
PR mode
Black box
Able to realize a zero
position deviation
during acceleration/
deceleration.
Suppress mechanical
resonance and
mechanical end
vibration by
applying filters.
Supports external
position sensor for
more precise
positioning
control
Up to 16 highly
configurable PR
paths
Record data during
error occurrence for
further analysis and
more effective
problem solving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com